전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH43FCG-R

  • AI
    Based on the part number **MH43FCG-R**, this appears to be a specific identifier typically associated with **M.2 (NGFF) Connectors**, often manufactured by companies like **LOTES** or **Foxconn** for use in motherboards and laptops. --- ## 1. Component Overview The MH43FCG-R is a high-density, surface-mount connector designed to interface M.2 expansion cards (such as SSDs or Wi-Fi modules) with a Printed Circuit Board (PCB). ### Technical Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | M.2 (NGFF) Connector | | **Mounting Type** | Surface Mount (SMT) | | **Orientation** | Right Angle / Horizontal | | **Pin Count** | Typically 67 or 75 positions | | **Pitch** | 0.50 mm | | **Height** | Varies (Standard 4.3mm or 3.2mm variants) | | **Material** | High-temperature thermoplastic (LCP) | | **Plating** | Gold on contact area, Tin on solder area | --- ## 2. Key Electronic Features ### Signal Integrity These connectors are designed for high-speed differential signaling. They support protocols such as: * **PCIe Gen 3 & Gen 4:** Providing high bandwidth for NVMe drives. * **SATA 3.0:** For legacy storage compatibility. * **USB 3.0/4.0:** For wireless and cellular modules. ### Keying Mechanism The "FCG" portion of the part number often indicates the **Keying** of the slot. M.2 connectors are keyed to prevent incorrect insertion: * **M-Key:** Used for NVMe SSDs (High speed). * **B-Key:** Used for SATA SSDs or cellular modules. * **E-Key:** Used for Wi-Fi and Bluetooth modules. --- ## 3. Physical Construction The **"-R"** suffix usually denotes **Tape and Reel** packaging, indicating that the part is intended for automated pick-and-place assembly lines. ### Material Composition 1. **Housing:** Liquid Crystal Polymer (LCP) to withstand reflow soldering temperatures (up to 260°C). 2. **Contacts:** Copper alloy with selective gold plating to minimize contact resistance and prevent oxidation. 3. **Solder Tabs:** Large metal tabs on the sides provide mechanical stability (Strain Relief) so the connector does not rip off the PCB when the module is inserted. --- ## 4. Usage in Circuit Design When integrating the MH43FCG-R into a schematic/layout: * **Grounding:** Ensure the side grounding tabs are tied to a solid ground plane to reduce EMI. * **Keep-out Zone:** Observe the component height (e.g., 4.3mm) to ensure there is enough clearance for the M.2 card and any potential heat sinks.
    ✨ Follow-up Questions
    • ⤷ What is the specific height of the MH43FCG-R variant?
    • ⤷ Which M.2 keying (M
    • ⤷ B
    • ⤷ or E) does this part number correspond to?
    • ⤷ Are there alternative part numbers from other manufacturers for this connector?