전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH44TDD-R

  • AI
    The **MH44TDD-R** is a specific model of a **Magnetic Hybrid Stepper Motor** (commonly associated with the Moons' Industries or similar high-precision motion control manufacturers). It is a NEMA 17 size motor frequently used in 3D printers, medical devices, and robotics. --- ## 1. Core Technical Specifications The electronic performance of the MH44TDD-R is defined by its phase current, resistance, and inductance. | Parameter | Value (Typical) | Unit | | :--- | :--- | :--- | | **Step Angle** | 1.8 | Degrees (°) | | **Phase Current** | 1.5 - 2.0 | Amperes (A) | | **Phase Resistance** | 1.1 - 1.5 | Ohms (Ω) | | **Phase Inductance** | 2.5 - 3.5 | mH | | **Holding Torque** | 0.40 - 0.50 | N·m | | **Number of Phases** | 2 | - | | **Motor Length** | 40 - 44 | mm | --- ## 2. Key Electronic Components & Features ### A. Magnetic Hybrid Construction The "MH" designation refers to a **Hybrid** design. * **Rotor:** Contains a permanent magnet. * **Stator:** Consists of electromagnetic coils. * **Benefit:** This combination allows for small step angles (high resolution) and high holding torque compared to permanent magnet motors alone. ### B. Winding Configuration The motor typically uses a **4-wire bipolar** configuration. * **Efficiency:** Bipolar motors use the entire coil winding during operation, providing more torque per unit of volume than unipolar motors. * **Driver Compatibility:** Requires a H-Bridge driver (like the A4988, TMC2209, or industrial equivalents). ### C. Insulation Class Most MH44 models are rated **Class B (130°C)**. * This ensures the internal copper windings' enamel coating does not melt under high-duty cycles or high-ambient temperatures. ### D. Connector and Wiring (The "-R" Suffix) The suffix often denotes specific hardware modifications: * **R:** Usually stands for a **Right-angle connector** or a specific **Rear-exit** cabling style. * **Pinout:** Standard 2-phase wiring (A, A-, B, B-). --- ## 3. Recommended Driver Settings To prevent overheating and ensure smooth motion (Microstepping), the following electronic settings are recommended: ```python # Theoretical Configuration for a TMC2209 Driver [stepper_x] step_pin: PB13 dir_pin: PB12 enable_pin: !PB14 microsteps: 16 rotation_distance: 40 full_steps_per_rotation: 200 run_current: 0.800 # Set to ~80% of max rated current for safety hold_current: 0.500 sense_resistor: 0.110 stealthchop_threshold: 999999 ``` --- ## 4. Application Considerations 1. **Heat Dissipation:** Because it pulls significant current (~1.5A+), the metal casing acts as a heatsink. Ensure airflow if running at peak torque. 2. **Back EMF:** When the motor spins, it generates a voltage. Ensure your driver can handle the voltage spikes (usually rated up to 24V or 36V). 3. **Accuracy:** The 1.8° step angle means 200 steps per revolution. With 16x microstepping, the electronics manage 3,200 positions per cycle.
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage recommended for the MH44TDD-R motor driver?
    • ⤷ How does the 'R' suffix specifically change the wiring compared to the standard model?
    • ⤷ Which motor driver is best suited for quiet operation with this motor?