전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH45TCD-R

  • AI
    The **MH45TCD-R** is a specific model of an **Electromagnetic Buzzer** (also known as a transducer or sounder), typically used in industrial controls, automotive dashboards, and household appliances. It is designed to convert electrical energy into acoustic energy through electromagnetic induction. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics associated with the MH45 series of transducers: | Specification | Value (Typical) | | :--- | :--- | | **Rated Voltage** | 12V DC (Operating range 8-16V) | | **Rated Current** | Max 30mA - 50mA | | **Sound Pressure Level (SPL)** | ≥ 85dB at 10cm | | **Resonant Frequency** | 2400Hz ± 300Hz | | **Operating Temperature** | -40°C to +85°C | | **Mounting Type** | Through-hole (PCB Mount) | | **Drive Type** | External Drive (Transducer) | --- ### 2. Internal Electronic Components The MH45TCD-R consists of several integrated parts that work together to produce sound: 1. **Electromagnetic Coil:** A coil of fine copper wire wound around a core. When current passes through, it creates a magnetic field. 2. **Permanent Magnet:** Provides a static magnetic field that interacts with the coil's field. 3. **Vibrating Diaphragm:** A metal disk (usually iron or steel) held over the coil. The magnetic fluctuations pull and release the diaphragm rapidly. 4. **Housing (Case):** A PBT or ABS plastic enclosure with a sound port designed to amplify the resonance. 5. **Terminals:** Two metal pins for soldering onto a PCB. --- ### 3. Circuit Integration Unlike a "Piezo Indicator," the MH45TCD-R is a **Transducer**. This means it does **not** have an internal oscillation circuit. To make it sound, you must provide a square wave signal at its resonant frequency (usually 2.4kHz). #### Basic Driving Circuit (NPN Transistor) To interface this part with a microcontroller (like an Arduino or STM32), a simple transistor switch is required because the current draw is higher than a standard GPIO pin can provide. ```cpp // Example: Driving the Buzzer at 2400Hz void setup() { pinMode(9, OUTPUT); // Connect to Transistor Base } void loop() { tone(9, 2400); // Generate 2.4kHz square wave delay(1000); noTone(9); delay(1000); } ``` --- ### 4. Comparison: Transducer vs. Indicator | Feature | MH45TCD-R (Transducer) | Active Buzzer (Indicator) | | :--- | :--- | :--- | | **Internal Oscillator** | No | Yes | | **Input Signal** | Square Wave (AC/PWM) | Constant DC | | **Frequency Control** | Adjustable by code | Fixed | | **Complexity** | Higher (Needs external circuit) | Low (Plug and play) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between an electromagnetic buzzer and a piezo buzzer?
    • ⤷ How do I calculate the flyback diode needed for this buzzer circuit?
    • ⤷ Can this buzzer be used with a 5V power supply instead of 12V?