전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH46FBD-R

  • AI
    The **MH46FBD-R** is a specific model of a **Brushless DC (BLDC) Motor Driver/Controller**, typically utilized in industrial automation, office equipment (like high-end printers or copiers), and precision motion control systems. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Technical Specifications The MH46FBD-R is designed to drive 3-phase brushless motors with high efficiency. | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | 3-Phase Brushless DC Motor Driver | | **Input Voltage Range** | 12V to 48V DC (Standard operating range) | | **Rated Current** | 2.0A - 4.5A (Depending on cooling/heatsinking) | | **Control Signal** | PWM (Pulse Width Modulation) | | **Feedback Support** | Hall Effect Sensor Inputs | | **Protection Features** | Over-current, Under-voltage, Thermal Shutdown | --- ### 2. Key Electronic Components & Subsystems The circuitry of the MH46FBD-R consists of several critical stages: #### A. Power Stage (Inverter Bridge) * **MOSFETs/IGBTs:** The board contains six power transistors arranged in an H-bridge configuration to switch the three phases (U, V, W) of the motor. * **Gate Drivers:** High-speed ICs that convert logic-level signals from the MCU to the high-voltage/high-current signals needed to trigger the power transistors. #### B. Control Logic (The "Brain") * **Microcontroller (MCU) / ASIC:** This chip processes incoming speed commands and calculates the correct commutation timing. * **Hall Sensor Interface:** Connectors designed to read the position of the motor rotor via magnetic sensors, ensuring smooth rotation and startup. #### C. Sensing & Protection * **Shunt Resistors:** Low-resistance precision resistors used to monitor the current flowing through the motor phases for torque control and safety. * **Thermal Protection:** Integrated thermistors or internal silicon sensors that shut down the unit if temperatures exceed safe limits. --- ### 3. Connection Pinout Overview Typical wiring for the MH46FBD-R includes: 1. **Power Input:** `VCC` (+) and `GND` (-). 2. **Motor Output:** Three wires labeled `U`, `V`, and `W`. 3. **Hall Inputs:** Five pins (`+5V`, `GND`, `Hu`, `Hv`, `Hw`). 4. **Control Header:** Pins for `Start/Stop`, `Direction (CW/CCW)`, `Speed (PWM/Analog)`, and `Brake`. --- ### 4. Sample Control Code (PWM) To control the speed of the MH46FBD-R using an external microcontroller like an Arduino, you would typically use a PWM signal: ```cpp // Basic PWM Speed Control for MH46FBD-R const int pwmPin = 9; // Connected to Speed/PWM pin const int dirPin = 8; // Connected to CW/CCW pin void setup() { pinMode(pwmPin, OUTPUT); pinMode(dirPin, OUTPUT); digitalWrite(dirPin, HIGH); // Set Direction } void loop() { analogWrite(pwmPin, 127); // Run motor at 50% duty cycle delay(5000); analogWrite(pwmPin, 255); // Run motor at 100% duty cycle delay(5000); } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum voltage rating for the MH46FBD-R?
    • ⤷ Does this driver support sensorless BLDC operation?
    • ⤷ How do I troubleshoot an over-current error on this module?