전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH48FAG-R

  • AI
    The **MH48FAG-R** is an electronic component primarily classified as a **Hall Effect Sensor IC**. It is specifically designed for magnetic field detection and is commonly used in brushless DC (BLDC) motors and speed sensing applications. --- ### 1. Technical Specifications The following table highlights the core electrical and physical characteristics of the MH48FAG-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | Hall Effect Latch / Switch | | **Supply Voltage ($V_{CC}$)** | 3.0V to 24V | | **Output Current ($I_{OUT}$)** | 25mA (Max) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | SOT-23 or TO-92S (Common variants) | | **Magnetic Type** | Bipolar Latch | --- ### 2. Key Internal Electronic Features * **Hall Element:** A thin layer of semiconductor material that generates a voltage (Hall Voltage) when exposed to a magnetic field perpendicular to the current flow. * **Voltage Regulator:** Allows the chip to operate over a wide range of input voltages (3V to 24V) without damaging the internal logic. * **Schmitt Trigger:** An internal circuit that provides "hysteresis." This ensures the output remains stable even if the magnetic signal is noisy or weak, preventing rapid "chattering" between ON and OFF states. * **Open-Collector Output:** The output acts like a switch to ground. It requires an external **pull-up resistor** to interface with microcontrollers (like Arduino or ESP32). --- ### 3. Functional Operation The MH48FAG-R typically operates as a **Bipolar Latch**. This means: 1. **South Pole:** When a strong South magnetic pole is detected, the output switches **ON** (Low voltage). 2. **North Pole:** The output stays ON even if the magnet is removed. It only switches **OFF** (High voltage) when a strong North magnetic pole is presented. --- ### 4. Typical Applications * **BLDC Motor Commutation:** Sensing the position of the rotor to time the firing of the motor coils. * **Speed Sensing:** Counting rotations of a wheel or shaft equipped with magnets. * **Magnetic Door Switches:** Detecting whether a security door is open or closed. * **Flow Meters:** Measuring the rotation of an internal turbine to calculate liquid flow. ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the correct pull-up resistor value for this sensor?
    • ⤷ What is the difference between a Hall Effect 'Latch' and a 'Switch'?
    • ⤷ Can the MH48FAG-R be used with a 3.3V microcontroller?