전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH48FBD-R

  • AI
    The **MH48FBD-R** belongs to the **MH series** of magnetic sensors, specifically designed as a high-sensitivity, omnipolar Hall effect switch. These components are widely used in consumer electronics for detecting the opening and closing of lids, proximity sensing, and low-power magnetic switching. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the MH48FBD-R: | Feature | Specification | | :--- | :--- | | **Sensor Type** | Omnipolar Hall Effect Switch | | **Supply Voltage ($V_{DD}$)** | 1.65V to 6.0V (Low Voltage Operation) | | **Supply Current ($I_{DD}$)** | ~2.0 $\mu$A (Typical at 1.8V) | | **Magnetic Sensitivity** | High (Typical $B_{OP}$ ±35 Gauss) | | **Output Type** | Push-Pull (No external pull-up resistor required) | | **Package Type** | SOT-23 or DFN (Surface Mount) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Description The MH48FBD-R is engineered for battery-operated devices where power consumption is a critical constraint. * **Omnipolar Operation:** Unlike unipolar sensors (which only respond to one pole), this device activates with either a North or South magnetic pole. This simplifies assembly because the magnet orientation does not matter. * **Micropower Design:** The internal circuitry employs a "clocking" mechanism. The sensor "wakes up" for a very short duration (microseconds) to sample the magnetic field and then goes back to sleep, resulting in an average current consumption in the microampere range. * **Push-Pull Output:** Because it uses a CMOS push-pull output stage, it can drive a logic level high or low directly without needing an external resistor, saving board space and further reducing power leakage. --- ### 3. Pin Configuration (SOT-23) Typical pinout for the MH48 series in a 3-pin SOT package: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | $V_{DD}$ | Power Supply Input | | 2 | $V_{OUT}$ | Output Signal (Active Low/High depending on state) | | 3 | GND | Ground | --- ### 4. Common Applications * **Smart Covers:** Detecting when a tablet or smartphone case is closed. * **Liquid Level Sensing:** Used with a floating magnet to detect tank levels. * **Handheld Devices:** Flip phones, slide-out keyboards, or portable gaming consoles. * **Water/Gas Meters:** Low-power pulse counting for flow measurement. --- ### 5. Simple Circuit Integration Example To use this in a microcontroller-based system (like Arduino or ESP32), the wiring is straightforward: ```cpp // Logic Example: Sensor Output connected to GPIO 4 void setup() { pinMode(4, INPUT); // Push-pull output doesn't need INPUT_PULLUP } void loop() { bool magnetDetected = digitalRead(4); // If magnet is near, sensor pulls output to logic state } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MH48FBD-R and a standard unipolar Hall sensor?
    • ⤷ Can the MH48FBD-R operate directly from a 5V power supply?
    • ⤷ How does the 'sampling clock' affect the response time of the sensor?