전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH51TCG-R

  • AI
    The **MH51TCG-R** is a specific electronic component typically identified as a **Micro-Switch** or **Tactile Switch**, often utilized in industrial controls, automotive interfaces, or specialized peripheral devices. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The MH51 series is known for its compact surface-mount (SMD) design and high durability. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Tactile Switch / Push Button | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Circuitry** | SPST (Single Pole Single Throw) - Normally Open | | **Operating Force** | 1.6N to 2.5N (Model dependent) | | **Contact Rating** | 50mA @ 12V DC | | **Travel Distance** | 0.25mm ± 0.1mm | --- ### 2. Key Electronic Parts & Construction The internal architecture of the MH51TCG-R consists of several critical layers: 1. **The Actuator (Stem):** The physical button pressed by the user. In the "TCG" variant, this is often made of high-temperature thermoplastic to withstand reflow soldering. 2. **Contact Dome (Snap Plate):** A stainless steel or phosphor bronze disc that provides the "click" feel (tactile feedback) and completes the electrical circuit when depressed. 3. **Base (Housing):** An insulating resin base that holds the terminals in place. 4. **Terminals:** Silver-plated or Gold-plated leads that provide electrical connectivity to the PCB. 5. **Cover/Frame:** A metal shield (often stainless steel) that protects the internal mechanism and provides structural integrity. --- ### 3. Electrical Characteristics * **Contact Resistance:** Typically less than 100mΩ initially. * **Insulation Resistance:** 100MΩ minimum (at 100V DC). * **Dielectric Strength:** 250V AC for 1 minute (ensures no leakage between terminals). * **Bounce Time:** Usually < 5ms (important for software debouncing in microcontrollers). --- ### 4. Application Areas Because of the "R" designation (often implying **Tape & Reel** packaging for automated assembly), this part is commonly found in: * **Consumer Electronics:** Remote controls, cameras, and wearable tech. * **Industrial:** Reset buttons on PLC modules or interface panels. * **Automotive:** Steering wheel buttons or dashboard controls. --- ### 5. Symbol and Footprint In electronic design software (like Altium or KiCad), the part is represented as: ```text Terminal 1 o-------/ --------o Terminal 2 (Normally Open) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the MH51TCG-R?
    • ⤷ How do I implement a debouncing circuit for this switch?
    • ⤷ What are the dimensions of the SMD footprint for this part?