전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH52FBG-R

  • AI
    The **MH52FBG-R** is a specialized electronic component, typically categorized as a **High-Voltage Reed Relay**. These components are frequently used in automated test equipment (ATE), medical electronics, and high-voltage isolation circuits. --- ### 1. Key Technical Specifications Below are the typical technical parameters associated with this class of reed relay: | Parameter | Typical Value / Description | | :--- | :--- | | **Contact Form** | 1 Form A (SPST-NO - Normally Open) | | **Max. Switching Voltage** | Up to 1,000V DC | | **Max. Switching Current** | 0.5A to 1.0A | | **Coil Voltage** | Usually 5V, 12V, or 24V DC (Model dependent) | | **Breakdown Voltage** | 2,000V to 4,000V DC (Across contacts) | | **Isolation Resistance** | $10^{10} \Omega$ to $10^{12} \Omega$ | | **Package Style** | SIP (Single In-line Package) or DIP | --- ### 2. Physical Construction The MH52FBG-R consists of several critical sub-components: 1. **Reed Switch:** Two ferromagnetic blades (reeds) hermetically sealed in a glass tube filled with inert gas. The contacts are often plated with Rhodium or Ruthenium to prevent "sticking" at high voltages. 2. **Electromagnetic Coil:** Wrapped around the glass tube. When energized, it creates a magnetic field that pulls the reeds together to close the circuit. 3. **Magnetic Shield (Optional):** Many "FBG" series relays include an internal mu-metal shield to prevent interference from adjacent relays. 4. **Encapsulation:** The entire assembly is molded in a thermoset epoxy resin to provide mechanical strength and high dielectric insulation. --- ### 3. Pinout and Schematic Logic While you should always verify with a specific manufacturer datasheet (such as Standex Electronics or Magnecraft), the logic follows this standard: ```text +-------------------------+ | MH52FBG-R | | | | [1] [2] [3] [4] | <-- Pins +---|-----|-----|-----|---+ | | | | Coil Coil Switch Switch (+) (-) (IN) (OUT) ``` --- ### 4. Common Applications * **In-Circuit Testers (ICT):** Used to switch high-voltage signals during PCB testing. * **Insulation Resistance Testers:** Providing isolation between the measurement circuit and the high-voltage source. * **Battery Management Systems (BMS):** Monitoring cell isolation in electric vehicle batteries. * **Medical Equipment:** Defibrillators or imaging machines where high-voltage isolation is critical for patient safety. --- ### 5. Selection Precautions * **Back-EMF:** Always use a flyback diode (e.g., 1N4148) across the coil pins to protect your driving transistor from inductive spikes. * **Switching Life:** Note that switching high voltages "hot" (while current is flowing) significantly reduces the mechanical life compared to "cold" switching.
    ✨ Follow-up Questions
    • ⤷ What is the specific coil voltage for the '52' variant of this relay?
    • ⤷ How does Rhodium plating improve the lifespan of reed contacts?
    • ⤷ Can this relay be used for AC high-voltage switching?