전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH53FAG-R

  • AI
    The **MH53FAG-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Quartz Crystal Oscillator**. These components are fundamental in electronics for providing a stable clock signal to microprocessors and digital circuits. --- ### 1. Key Technical Specifications While specific data sheets can vary slightly by manufacturer (often associated with brands like **Mercury Electronic**), the general specifications for the MH53 series are as follows: | Parameter | Typical Value / Range | | :--- | :--- | | **Component Type** | Quartz Crystal Oscillator (SPXO) | | **Package Type** | SMD (Surface Mount Device) | | **Package Dimensions** | 5.0 x 3.2 mm (Standard 5032 size) | | **Output Type** | CMOS / TTL Compatible | | **Supply Voltage (Vcc)** | 3.3V or 5.0V (Standard) | | **Frequency Stability** | ±25ppm to ±100ppm | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ### 2. Physical Layout & Pin Configuration The "FAG-R" suffix usually denotes the specific frequency stability, temperature range, and packaging (Tape & Reel). The physical part usually features **4 pads**: 1. **Pin 1: Standby / Enable** – Used to turn the oscillator on or off to save power. 2. **Pin 2: Ground (GND)** – Connected to the circuit's common ground. 3. **Pin 3: Output** – Delivers the square wave clock signal. 4. **Pin 4: Vcc** – Power supply input. --- ### 3. Functional Role in Electronics The MH53FAG-R serves as the "heartbeat" of an electronic system. Its primary functions include: * **Timing Reference:** Ensuring that data is processed at the correct speed within a microcontroller. * **Synchronization:** Aligning the timing of different components on a PCB (Printed Circuit Board). * **Signal Stability:** Providing a much higher degree of frequency accuracy compared to internal RC oscillators found inside many chips. --- ### 4. Implementation Example To use this part in a circuit, a bypass capacitor is usually required between Vcc and GND to filter electrical noise. ```c // Conceptual pseudo-code for a Microcontroller using an external // oscillator like the MH53FAG-R for its system clock. void Clock_Setup() { SystemClock_Source = EXTERNAL_OSCILLATOR; // Select Pin 3 of MH53 External_Freq = 25.000MHz; // Example frequency Enable_Clock_Security_System(); // Monitor for stability } ```
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency of your MH53FAG-R unit?
    • ⤷ How do I calculate the load capacitance for this oscillator?
    • ⤷ What are the common alternatives to the 5032 SMD package?