전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH56TCG-R

  • AI
    The **MH56TCG-R** is a specific type of high-performance **Brushless DC (BLDC) Motor**, commonly utilized in high-speed industrial applications, robotics, and advanced cooling systems (such as high-end server fans or telecommunications equipment). Below is a breakdown of its electronic components and technical specifications. --- ## 1. Core Electronic Specifications The "R" suffix typically denotes a specific control feature, such as **PWM (Pulse Width Modulation) speed control** or a **Tachometer (Frequency Generator) output**. | Parameter | Typical Value / Description | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Operating Voltage** | Usually 12V or 24V DC (Model dependent) | | **Bearing Type** | Dual Ball Bearing (for longevity) | | **Phase** | 3-Phase or Single Phase (Internal drive) | | **Control Logic** | Built-in IC for commutation | --- ## 2. Internal Electronic Components The MH56TCG-R relies on an integrated circuit (IC) board located behind the motor hub. Its primary components include: ### A. Hall Effect Sensors * **Function:** Detects the position of the permanent magnet rotor. * **Purpose:** Sends signals to the controller to switch the current to the electromagnets at the precise moment, ensuring smooth rotation. ### B. Power MOSFETs * **Function:** Act as electronic switches. * **Purpose:** They handle the actual power delivery to the motor windings. These are triggered by the internal controller. ### C. PWM Control Circuitry * **Function:** Processes an incoming square-wave signal. * **Purpose:** Allows the user to adjust the speed of the motor without changing the input voltage. --- ## 3. Wiring Configuration This motor usually features a 4-wire interface, which is standard for advanced electronic cooling and motion control: 1. **Red (VCC):** Positive power supply. 2. **Black (GND):** Ground/Negative. 3. **Yellow/White (FG/Tacho):** Frequency Generator output. This sends a signal back to the system to report the actual RPM. 4. **Blue (PWM):** Speed control input signal. --- ## 4. Key Protection Features To ensure the electronics do not burn out under stress, the MH56TCG-R typically includes: * **Auto-Restart:** If the rotor is obstructed, the IC cuts power and periodically attempts to restart to prevent coil overheating. * **Polarity Protection:** Prevents damage if the positive and negative wires are accidentally reversed. * **Soft Start:** Gradually ramps up the current to prevent a sudden spike (inrush current) on the power supply. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM supported by the MH56TCG-R motor?
    • ⤷ Can this motor be controlled using an Arduino or Raspberry Pi?
    • ⤷ What is the specific current draw (Amps) for the 12V version of this motor?