전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH57FBD-R

  • AI
    The **MH57FBD-R** is a specific type of **Magnetic Proximity Sensor** (often referred to as a Reed Switch or Magnetic Actuator) commonly used in industrial automation, pneumatic cylinder position sensing, and security systems. Below is a breakdown of its electronic components, specifications, and functional characteristics. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Switch Type** | Magnetic Reed Switch (SPST-NO) | | **Operating Voltage** | 5V to 240V AC/DC | | **Switching Current** | 100mA (Max) | | **Contact Rating** | 10W (Max) | | **Indicator** | Red LED (Standard on most models) | | **Protection Class** | IP67 (Dust and Water Resistant) | | **Response Time** | Max 1ms | --- ### 2. Internal Electronic Components The MH57FBD-R is an electromechanical device consisting of several internal parts: * **Reed Switch Element:** The heart of the sensor. It consists of two ferromagnetic blades (reeds) hermetically sealed in a glass tube. When a magnetic field (from a piston or external magnet) approaches, the reeds pull together to close the circuit. * **LED Indicator Circuit:** Usually includes a low-power Red LED and a current-limiting resistor. This provides visual feedback to the technician that the sensor has been triggered. * **Varistor/Zener Diode:** Often included for surge protection to prevent back-EMF from damaging the internal contacts when switching inductive loads. * **Housing/Potting:** The internal electronics are encased in a durable plastic resin (epoxy) to protect them from vibration, oil, and moisture. --- ### 3. Wiring Configuration Most MH57FBD-R sensors follow a standard **2-wire** connection system. ```markdown Brown Wire (+) ----> Load ----> Power Source (+) Blue Wire (-) ----------------> Power Source (-) ``` > **Note:** Because it is a 2-wire device, there is a small "leakage current" even when the switch is off (needed to power the LED) and a small "voltage drop" when the switch is on. --- ### 4. Applications * **Pneumatic Cylinders:** Mounted on the tie-rod or in a slot to detect the stroke position of the piston. * **Safety Interlocks:** Detecting if a door or guard is closed. * **Limit Switching:** Acting as an end-of-travel sensor for motorized tracks. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 2-wire and 3-wire magnetic sensor?
    • ⤷ Can this sensor be used directly with a PLC input?
    • ⤷ How do I troubleshoot a sensor that stays permanently closed?