전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH57FCD-R

  • AI
    The **MH57FCD-R** is a specific electronic component, typically categorized as a **VCO (Voltage Controlled Oscillator)** module, often manufactured by companies like Mitsubishi or specialized RF component suppliers. These are primarily used in high-frequency telecommunications and signal processing. ### 1. Technical Specifications The following table summarizes the general characteristics typical for this class of component: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Voltage Controlled Oscillator (VCO) | | **Package Type** | Surface Mount Device (SMD) / Module | | **Frequency Range** | Usually UHF/SHF bands (Specific to application) | | **Control Voltage** | Typically 0.5V to 5V DC | | **Supply Voltage (Vcc)** | 3V to 5V DC | | **Output Impedance** | 50 Ohms | | **Operating Temp** | -30°C to +85°C | --- ### 2. Key Internal Electronic Parts The MH57FCD-R is not a single transistor but an integrated module containing several sub-components: 1. **Varactor Diode:** The "heart" of the tuning circuit. By changing the DC voltage applied to this diode, its capacitance changes, which shifts the oscillation frequency. 2. **Bipolar Junction Transistor (BJT) or FET:** Acts as the active gain element to sustain the oscillations. 3. **Resonator Circuit:** Usually a microstrip line or a ceramic resonator that defines the center frequency. 4. **Buffer Amplifier:** A small internal stage that isolates the oscillator from the output load to prevent "frequency pulling" (frequency shifts caused by changes in the connected circuit). 5. **Bypass Capacitors:** Internal SMD capacitors used to filter noise from the power supply lines. --- ### 3. Pinout and Integration In a typical application circuit, the MH57FCD-R involves three primary connections: * **Vcc:** Constant power supply to drive the internal transistor. * **Vt (Tuning Voltage):** The input signal that determines the output frequency. * **RF Out:** The high-frequency sine wave sent to the next stage (like a mixer or antenna). --- ### 4. Common Applications * **Wireless Communication:** Local oscillators in radio receivers. * **Signal Generators:** Creating variable high-frequency test signals. * **Phase-Locked Loops (PLL):** Used as the tunable element in frequency synthesizers to "lock" onto a specific stable frequency.
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency range for the MH57FCD-R model?
    • ⤷ How do I calculate the tuning sensitivity (MHz/V) for this VCO?
    • ⤷ Can this component be used in a Phase-Locked Loop (PLL) circuit?