전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH57FCG-R

  • AI
    The **MH57FCG-R** is a specific electronic component primarily identified as a high-frequency, high-stability **Oven Controlled Crystal Oscillator (OCXO)**. These parts are critical in telecommunications and precision instrumentation where timing accuracy is paramount. --- ## Technical Specifications The following table outlines the typical technical profile for the MH57FCG-R series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Oven Controlled Crystal Oscillator (OCXO) | | **Package Style** | Through-hole (Metal Can) | | **Frequency Range** | Typically 10 MHz to 40 MHz (varies by sub-model) | | **Supply Voltage** | 3.3V or 5.0V DC | | **Output Type** | CMOS / Sine Wave | | **Stability** | ±5 ppb to ±50 ppb (Parts per billion) | | **Operating Temp** | -40°C to +85°C | --- ## Key Features ### 1. Thermal Management (The "Oven") The "OCXO" designation means the crystal is housed inside a temperature-controlled enclosure. This "oven" maintains the crystal at a specific, constant temperature (higher than ambient), which prevents frequency drift caused by external temperature fluctuations. ### 2. High Precision Unlike standard crystals or TCXOs (Temperature Compensated), the MH57FCG-R provides stability in the **ppb (parts per billion)** range. This makes it suitable for high-speed data synchronization. ### 3. Phase Noise Performance This component is designed to have very low phase noise, which is essential for minimizing jitter in RF signals and high-speed digital circuits. --- ## Common Applications Due to its high stability and reliability, the MH57FCG-R is commonly found in: * **Base Stations:** LTE, 4G, and 5G small cells requiring precise clock synchronization. * **Test & Measurement:** Oscilloscopes, signal generators, and frequency counters. * **Network Infrastructure:** Synchronous Ethernet (SyncE) and IEEE 1588 PTP (Precision Time Protocol). * **Satellite Communications:** Up/Down converters and ground station equipment. --- ## Schematic Integration Example When integrating this part into a PCB design, the pinout typically follows a standard OCXO layout: ```text Pin 1: Control Voltage (V_ctrl) - For fine frequency tuning Pin 2: Reference Voltage Output (V_ref) Pin 3: Supply Voltage (Vcc) Pin 4: RF Output Pin 5: Ground (GND) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between an OCXO and a TCXO in terms of power consumption?
    • ⤷ How do I calculate the aging rate for the MH57FCG-R over time?
    • ⤷ What are the typical warm-up time requirements for this component?