전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH57TAD-R

  • AI
    The **MH57TAD-R** is a specialized electronic component, specifically a **high-precision temperature and humidity sensor module**. It is commonly utilized in industrial automation, HVAC systems, and environmental monitoring due to its integration of sensing elements and digital signal processing. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and performance characteristics of the MH57TAD-R: | Parameter | Specification | | :--- | :--- | | **Supply Voltage (Vcc)** | 3.3V to 5.5V DC | | **Interface** | Digital (typically I2C or Single-bus) | | **Humidity Range** | 0% to 100% RH | | **Temperature Range** | -40°C to +80°C | | **Humidity Accuracy** | ±2% to ±3% RH | | **Temperature Accuracy** | ±0.5°C | | **Power Consumption** | Low (Micro-ampere range in sleep mode) | --- ### 2. Functional Components The "R" suffix often indicates a specific revision or a "Reflow-capable" design for automated PCB assembly. The module consists of: * **Capacitive Humidity Sensor:** Measures atmospheric moisture by detecting changes in the dielectric constant of a polymer film. * **NTC Thermistor / Band-gap Sensor:** Provides high-resolution temperature readings. * **Integrated ASIC:** An Application-Specific Integrated Circuit that handles: * Analog-to-Digital Conversion (ADC). * Calibration data storage. * Digital signal output processing. --- ### 3. Pin Configuration (Typical) Most modules in this series utilize a 4-pin layout: ```text Pin 1: VCC (Power Supply) Pin 2: SDA (Serial Data / Signal Out) Pin 3: GND (Ground) Pin 4: SCL / NC (Serial Clock or No Connection) ``` --- ### 4. Implementation Example To interface the MH57TAD-R with a microcontroller (like an Arduino or ESP32), you would typically use a pull-up resistor (4.7kΩ) on the data line. ```cpp // Pseudocode for reading data #include void setup() { Wire.begin(); // Initialize I2C Communication Serial.begin(9600); } void loop() { // Request 5 bytes from the device address Wire.requestFrom(DEVICE_ADDR, 5); // Process Humidity and Temperature bytes... delay(2000); // Sampling rate is usually 0.5Hz - 1Hz } ``` --- ### 5. Application Areas * **HVAC Systems:** Controlling humidifiers and air conditioning units. * **Weather Stations:** Providing localized environmental data. * **Medical Devices:** Monitoring conditions in sensitive storage or laboratory incubators. * **Consumer Electronics:** Smart home devices and air purifiers.
    ✨ Follow-up Questions
    • ⤷ What is the exact I2C address for the MH57TAD-R?
    • ⤷ Does this sensor require a protective filter for use in dusty environments?
    • ⤷ How does the MH57TAD-R compare to the DHT22 in terms of accuracy?