전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH58FCG-R

  • AI
    The **MH58FCG-R** is a specialized thermal printer mechanism, widely used in point-of-sale (POS) systems, handheld terminals, and portable printing devices. Below is a detailed breakdown of its electronic components and specifications. --- ## 1. Core Technical Specifications The MH58FCG-R is designed for high-speed, low-voltage printing environments. | Feature | Specification | | :--- | :--- | | **Print Method** | Thermal Dot Line Printing | | **Resolution** | 8 dots/mm (203 DPI) | | **Printing Width** | 48 mm | | **Paper Width** | 58 mm | | **Max Print Speed** | Approx. 70 - 90 mm/s (depends on voltage) | | **Head Resistance** | 176 Ω ± 4% | --- ## 2. Main Electronic Components The mechanism consists of several critical electronic sub-systems that interface with a microcontroller (MCU). ### A. Thermal Print Head (TPH) The TPH is the heart of the unit. It consists of a linear array of heating elements. * **Heating Element:** Converts electrical energy into heat to darken the thermal paper. * **Driver IC:** Integrated into the head to control the switching of the heating elements based on serial data input. ### B. Stepper Motor To move the paper, the MH58FCG-R utilizes a micro-stepper motor. * **Type:** 4-phase bipolar or unipolar stepper motor. * **Role:** Precisely controls paper advancement (line feed). * **Electronic Control:** Requires an H-Bridge motor driver (like the LB1836 or similar) to manage the pulse sequences. ### C. Sensors The unit includes two primary feedback sensors: 1. **Paper End Sensor:** An optical photo-interrupter that detects the presence or absence of paper. 2. **Thermistor:** A temperature-sensitive resistor built into the TPH to monitor heat. This prevents the head from overheating and burning out. --- ## 3. Interface and Pinout Structure The device typically interfaces via a Flexible Printed Circuit (FPC) cable. The electronic signals are categorized as follows: ### Data Signals * **CLK (Clock):** Synchronizes data transfer. * **LAT (Latch):** Transfers the data from the shift register to the print head drivers. * **DI (Data In):** Serial data input for the dots to be printed. * **STB (Strobe):** Controls the "on-time" of the heating elements. Usually divided into multiple blocks (STB1, STB2, etc.) to manage peak current. ### Power Rails * **VH (Operating Voltage):** Typically 4.2V to 8.5V. This powers the heating elements. * **VDD (Logic Voltage):** Typically 2.7V to 5.25V. This powers the internal logic/IC of the print head. --- ## 4. Operation Safety Precautions * **Static Electricity:** The TPH is highly sensitive to ESD (Electrostatic Discharge). * **Condensation:** Water on the head can cause an electrolytic short circuit when powered. * **Pulse Width:** Driving the STB signals for too long at high VH can permanently damage the heating elements.
    ✨ Follow-up Questions
    • ⤷ What is the recommended motor driver IC for the MH58FCG-R?
    • ⤷ How do I calculate the strobe time to prevent the print head from overheating?
    • ⤷ What are the common pin definitions for the FPC connector on this model?