์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ
ALLDATASHEET.CO.KR

X  

  • MH61FDG-R

  • AI
    The **MH61FDG-R** is an industrial-grade **Micro-ATX Motherboard** manufactured by **BCM Advanced Research** (or similar industrial computing providers). It is designed around the Intel H61 Express chipset, targeting embedded applications, kiosks, and industrial automation. --- ## ๐Ÿšฉ Technical Specifications Overview | Component | Specification | | :--- | :--- | | **Form Factor** | Micro-ATX (244mm x 244mm) | | **Chipset** | Intel H61 Express | | **CPU Support** | Intel 2nd & 3rd Gen Core i7/i5/i3 (LGA1155) | | **Memory** | 2 x 240-pin DDR3 DIMM (Up to 16GB) | | **Graphics** | Integrated Intel HD Graphics (via CPU) | | **Ethernet** | Dual Gigabit LAN (usually Realtek or Intel chips) | --- ## ๐Ÿ”Œ Key Electronic Components & Interfaces ### 1. Processor & Power Delivery * **Socket LGA1155:** Supports Sandy Bridge and Ivy Bridge architectures. * **VRM (Voltage Regulator Module):** Uses solid capacitors and high-efficiency MOSFETs to ensure stable DC-to-DC conversion for the CPU under 24/7 operating conditions. ### 2. Connectivity & I/O (Rear Panel) * **Video Outputs:** Typically includes **VGA** and **DVI-D** (some variants include HDMI). * **USB Ports:** 4 x USB 2.0 ports (H61 chipset limitation; USB 3.0 is usually absent unless a third-party controller is added). * **Serial Ports:** Includes RS-232/422/485 support, which is critical for industrial peripheral communication. ### 3. Expansion Slots * **PCI-Express x16:** 1 slot for dedicated GPU or high-speed FPGA cards. * **PCI-Express x1:** 1 slot for secondary I/O. * **Legacy PCI:** 2 slots, allowing compatibility with older industrial expansion cards (DAQ, specialized controllers). ### 4. Storage & Internal Headers * **SATA:** 4 x SATA II (3.0 Gb/s) connectors. * **GPIO:** 8-bit Digital I/O for sensor integration or relay control. * **Audio:** Realtek ALC892 (or similar) High Definition Audio codec. --- ## ๐Ÿ›  Notable Features for Industrial Use 1. **Watchdog Timer:** A hardware circuit that resets the system if the software freezes, ensuring high uptime. 2. **Long Life Cycle:** Unlike consumer boards, the MH61 series components are selected for a 5-7 year production life. 3. **Wide Temperature Tolerance:** Designed to operate in environments with less airflow than a standard desktop PC. ---
    โœจ Follow-up Questions
    • โคท What are the compatible power supply requirements for the MH61FDG-R?
    • โคท Does this motherboard support UEFI or legacy BIOS booting?
    • โคท How do I configure the RS-232/422/485 jumpers on this board?