전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH63TCD-R

  • AI
    The **MH63TCD-R** typically refers to a high-speed, high-precision spindle unit or a rotary table component used in CNC machining centers (often associated with brands like OKUMA or specialized Japanese machine tool manufacturers). Below is a breakdown of the electronic and electromechanical parts integral to this unit. --- ### 1. Primary Electronic Components The performance of the MH63TCD-R relies on the integration of power electronics and feedback sensors. | Component Type | Description | Function | | :--- | :--- | :--- | | **AC Servo Motor** | High-torque brushless motor. | Provides the rotational force for the spindle or axis movement. | | **Encoder / Resolver** | High-resolution optical or magnetic sensor. | Tracks angular position, RPM, and ensures precise orientation (indexing). | | **Thermal Sensors** | Thermistors (PT100/NTC) embedded in windings. | Monitors heat levels to prevent insulation breakdown or thermal expansion. | | **Solenoid Valves** | Electromagnetic actuators. | Controls the pneumatic or hydraulic clamping/unclamping mechanism. | | **Proximity Switches** | Inductive or capacitive sensors. | Confirms "Tool Clamped" or "Tool Unclamped" status to the PLC. | --- ### 2. Control & Interface Systems These parts allow the unit to communicate with the main CNC Controller (e.g., FANUC, OSP, or Siemens). * **Drive Unit (Servo Amplifier):** Receives low-voltage signals from the CNC and converts them into high-voltage 3-phase power to drive the motor. * **I/O Link Module:** Manages the digital signals for tool changes and safety interlocks. * **Encoder Cable (Feedback Loop):** A shielded multi-core cable that transmits high-frequency pulses back to the controller to correct positioning errors. --- ### 3. Electromechanical Logic (Sequence of Operation) The electronics follow a specific logic sequence to ensure the machine does not crash: 1. **Signal Input:** The CNC sends a command to index the axis. 2. **Unclamp:** A solenoid is energized, releasing the hydraulic pressure holding the gear/tool. 3. **Rotation:** The Servo Motor moves to the exact degree based on encoder feedback. 4. **Clamp:** The solenoid de-energizes, and a proximity switch sends a "Finish" signal to the PLC. --- ### 4. Technical Specifications Table (Typical) | Feature | Standard Rating | | :--- | :--- | | **Voltage Input** | 200V - 230V AC (3-Phase) | | **Feedback Type** | Absolute Encoder (usually 20-bit or higher) | | **Protection Class** | IP65 or IP67 (Waterproof/Oil-proof) | | **Connector Type** | MS-standard circular military connectors | --- ### Maintenance Warning > **Caution:** When replacing electronic parts in the MH63TCD-R, ensure the **Encoder Offset (Grid Shift)** is recalculated. Failure to synchronize the electronic zero point with the mechanical home position can result in tool change interference or mechanical damage.
    ✨ Follow-up Questions
    • ⤷ What are the common failure symptoms of the encoder in this unit?
    • ⤷ How do you calibrate the proximity switches for tool clamping?
    • ⤷ Which CNC controllers are most compatible with the MH63TCD-R wiring?