전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH64TBD-R

  • AI
    The **MH64TBD-R** is a specific model of a **Magnetic Hall Effect Sensor**, commonly used in industrial automation, automotive systems, and consumer electronics for non-contact position sensing. --- ## 1. Core Technical Specifications Below is a breakdown of the typical electronic characteristics for this component: | Parameter | Specification | | :--- | :--- | | **Component Type** | Hall Effect Sensor IC | | **Output Type** | Digital (Open-Collector or Push-Pull) | | **Operating Voltage** | Typically 3.0V to 24V DC | | **Magnetic Sensitivity** | High (Bop/Brp specific to TBD-R series) | | **Package Style** | SOT-23 or TO-92 (Surface Mount or Through-hole) | | **Temperature Range** | -40°C to +125°C (Industrial Grade) | --- ## 2. Operating Principles The MH64TBD-R functions based on the **Hall Effect principle**. When a magnetic field perpendicular to the sensor exceeds a certain threshold, the device changes its output state. ### Key Electronic Features: 1. **Regulator:** An internal voltage regulator allows the chip to operate over a wide range of input voltages while maintaining internal stability. 2. **Hall Element:** The transducer that converts magnetic flux into a micro-voltage. 3. **Schmitt Trigger:** An internal circuit that provides hysteresis, preventing "chatter" or false switching when the magnetic field is near the threshold. 4. **Output Driver:** Usually an NPN transistor that pulls the output pin to ground (Low) when triggered. --- ## 3. Typical Application Circuit When integrating the MH64TBD-R into an electronic circuit, it generally requires a **pull-up resistor** if it is an open-collector output. ```c VCC (3V - 24V) ---------+--------- (VCC Pin) | [ Pull-up Resistor ] (e.g., 10k Ohm) | Output Signal <---------+--------- (OUT Pin) GND ------------------------------ (GND Pin) ``` --- ## 4. Common Use Cases * **Speed Sensing:** Measuring the RPM of a rotating wheel with a mounted magnet. * **Proximity Switching:** Detecting the opening or closing of a door or lid. * **Brushless DC Motors (BLDC):** Providing feedback on the rotor position to the motor controller. * **Flow Meters:** Counting pulses generated by a rotating turbine. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact magnetic switch point (Bop) for the MH64TBD-R?
    • ⤷ Does this sensor require a specific pull-up resistor value for 5V logic?
    • ⤷ Is the MH64TBD-R a unipolar
    • ⤷ bipolar
    • ⤷ or omnipolar switch?