전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH65FDG-R

  • AI
    The **MH65FDG-R** is a high-performance **TFT-LCD (Thin Film Transistor Liquid Crystal Display) module**. This specific part is commonly integrated into high-resolution monitors, industrial displays, or professional-grade TVs. Below is a breakdown of its core electronic components and specifications. --- ## 1. Core Technical Specifications The electronics of the MH65FDG-R are designed to handle high data throughput for 4K imagery. | Feature | Specification | | :--- | :--- | | **Panel Type** | a-Si TFT-LCD | | **Resolution** | 3840 × 2160 (UHD / 4K) | | **Interface** | V-by-One (8 lanes) | | **Backlight Unit** | WLED (White LED) | | **Input Voltage** | 12.0V (Typical) | | **Frequency** | 60Hz | --- ## 2. Key Electronic Components ### A. The T-CON Board (Timing Controller) This is the "brain" of the panel. It translates the incoming video signal (from the motherboard) into specific instructions for the Source and Gate drivers. * **Function:** Manages the timing of the pixel refresh and controls the voltage levels for the liquid crystals. * **Interface:** Usually utilizes the **V-by-One HS** protocol, which is more efficient than traditional LVDS for 4K resolutions. ### B. Driver ICs (COF/COG) * **Source Drivers:** These control the "columns" of the display. They convert digital color data into analog voltages that dictate how much light each sub-pixel blocks or allows. * **Gate Drivers:** These control the "rows." They act as switches that turn on the transistors for a specific row, allowing the Source Drivers to write data to that row. ### C. The LED Driver (Backlight Inverter) The MH65FDG-R uses a **WLED (White Light Emitting Diode)** array. * **Electronic Role:** It converts DC input into a constant current to power the LED strips. * **Dimming:** Supports PWM (Pulse Width Modulation) for brightness adjustment. --- ## 3. Connector Pinout Overview The module typically features a 51-pin or similar high-density connector. The electronics are divided into the following categories: 1. **Power Supply:** Pins dedicated to $V_{DD}$ (usually 12V) to power the logic and the panel. 2. **Ground:** $V_{SS}$ pins for signal return and EMI shielding. 3. **Data Lanes:** Differential pairs for the V-by-One high-speed signal. 4. **Control Signals:** Including the "Select" pins for 8-bit or 10-bit color depth. --- ## 4. Signal Flow Diagram ```mermaid graph LR A[Main System/SOC] -- V-by-One HS --> B[T-CON Board] B -- Data --> C[Source Drivers] B -- Timing --> D[Gate Drivers] C & D --> E[TFT Glass Panel] F[Power Supply] --> B F --> G[LED Driver/Backlight] ``` --- ## 5. Typical Applications Due to its high resolution and electronic stability, this part is found in: * **Medical Imaging:** High-fidelity monitors for X-rays or diagnostics. * **Digital Signage:** Large-scale 4K commercial advertisements. * **Broadcasting:** 4K monitoring stations for video editors.
    ✨ Follow-up Questions
    • ⤷What is the difference between V-by-One and LVDS interfaces in these panels?
    • ⤷ What are the power consumption requirements for the MH65FDG-R?
    • ⤷ Can this display module be used with a standard Raspberry Pi?