전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH71FBD-R

  • AI
    The **MH71FBD-R** is a specific model of an **Electromagnetic Brake** (clutch/brake unit), typically manufactured by companies like **Miki Pulley**. These components are essential in industrial automation for controlling the rotation of shafts through electromagnetic force. --- ### 1. Technical Specifications The "MH" series generally refers to micro-clutches or brakes designed for precision equipment. Below are the typical electronic and mechanical characteristics associated with this part: | Feature | Specification Details | | :--- | :--- | | **Type** | Electromagnetic Micro-Brake | | **Operating Voltage** | Typically 24V DC (Standard for industrial control) | | **Power Consumption** | Low wattage (usually between 4W to 12W depending on size) | | **Torque Rating** | Rated for static friction torque (measured in Nm) | | **Response Time** | High-speed engagement and disengagement | | **Connection Type** | Lead wires (indicated by the suffix configurations) | --- ### 2. Core Electronic Components The MH71FBD-R operates based on fundamental electromagnetic principles. Its internal "electronic" structure consists of: * **Stator Coil:** A copper winding that generates a magnetic field when DC current flows through it. * **Armature Assembly:** A metal plate that is physically pulled toward the stator by the magnetic flux. * **Friction Facings:** Non-asbestos materials that provide the gripping force to stop or hold the load. * **Built-in Diode (Often Optional):** Used for spark suppression to protect the switching controller from inductive "kickback" when the coil is de-energized. --- ### 3. Operational Logic The device functions as a **Power-on Type** brake. The logic is as follows: 1. **Current Applied:** When 24V DC is sent to the coil, a magnetic field is created. 2. **Engagement:** The magnetic force overcomes the return spring, pulling the armature against the friction hub. 3. **Braking:** The friction stops the rotation of the shaft. 4. **Disengagement:** When power is cut, the magnetic field collapses, and the spring pushes the armature back, allowing free rotation. --- ### 4. Application Wiring Example To control the MH71FBD-R, a PLC or a simple relay circuit is used. ```yaml Circuit Configuration: [24V DC Source] ---- [Switch/Relay] ---- [MH71FBD-R Coil] ---- [GND] | [Flyback Diode] (Parallel to Coil for Protection) ``` --- ### 5. Common Use Cases * **Paper Handling:** Controlling rollers in printers or copiers. * **Packaging Machinery:** Precise stopping of conveyor belts. * **Medical Equipment:** Silent and reliable positioning of diagnostic arms. * **Office Automation:** Small motor torque control.
    ✨ Follow-up Questions
    • ⤷ What is the exact torque rating for the MH71 series?
    • ⤷ How do I calculate the flyback diode size for this electromagnetic brake?
    • ⤷ What is the difference between the MH71FBD-R and the MH71FBD-A models?