전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH72TAD-R

  • AI
    ## Overview of MH72TAD-R The **MH72TAD-R** is a specific model of a **Miniature Magnetic Proximity Sensor** (or Reed Switch Sensor), commonly utilized in pneumatic systems to detect the position of a piston inside an air cylinder. It is typically manufactured by brands like **Mindman** or similar industrial automation component providers. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Switch Type** | Reed Switch (SPST, Normally Open) | | **Voltage Range** | 5V ~ 240V AC/DC | | **Switching Current** | 100mA Max. | | **Contact Rating** | 10W Max. | | **Voltage Drop** | 3.5V Max. | | **Indicator** | Red LED (Standard) | | **Cable Type** | Ø2.8, 2C, PVC (Oil Resistant) | | **Protection Class** | IP67 (Dust and Water-resistant) | --- ### Electronic Components & Construction The internal electronics of the MH72TAD-R are designed for durability and signal clarity in industrial environments. #### 1. The Reed Switch The heart of the device is a glass-encapsulated reed switch. When a magnetic field (from the cylinder's piston) comes into proximity, the two metal reeds inside are magnetized and pull together, closing the circuit. #### 2. LED Indicator Circuit * **Purpose:** Provides visual confirmation of the "ON" state. * **Design:** It is wired in series with the switch. Because it uses a small amount of voltage to power the LED, there is a characteristic **Voltage Drop** (approx. 3.5V) across the sensor when closed. #### 3. Protection Components * **Varistor/Zener Diode:** Often included to protect the reed contacts from high-voltage spikes (back-EMF) when switching inductive loads like relay coils. * **Encapsulation:** The internal PCB and reed are potted in epoxy resin to protect against vibration and moisture. --- ### Wiring Configuration The "R" in the suffix typically denotes a **2-wire** configuration. ```mermaid graph LR A[Power Supply +] --> B[Load/Relay Coil] B --> C[Brown Wire] C --> D[MH72TAD-R Sensor] D --> E[Blue Wire] E --> F[Power Supply - / Common] ``` * **Brown Wire:** Connects to the positive side or the load. * **Blue Wire:** Connects to the negative side or the common. --- ### Key Applications * **Piston Position Sensing:** Mounted on the exterior slots of pneumatic cylinders. * **End-of-Stroke Detection:** Signaling a PLC that a cycle is complete. * **Safety Interlocking:** Ensuring a component is in place before the next stage of a process begins.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Reed type and a Solid State (Hall Effect) version of this sensor?
    • ⤷ Can this sensor be connected directly to a PLC input without a load resistor?
    • ⤷ What are the mounting bracket options for the MH72 series?