전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH72TDD-R

  • AI
    The **MH72TDD-R** is a specific model of a **Magnetic Buzzer** (or Magnetic Transducer), commonly used in electronics to provide audible feedback or alarms. It is an electromagnetic component designed for high-reliability applications. --- ## 1. Technical Specifications The following table outlines the typical electrical and physical characteristics for the MH72TDD-R series: | Parameter | Specification | | :--- | :--- | | **Type** | Magnetic / Electromagnetic | | **Rated Voltage** | 1.5V - 12V (depending on sub-model) | | **Operating Voltage** | 1.0V ~ 15V DC | | **Sound Pressure Level (SPL)** | ≥ 85dB at 10cm | | **Resonant Frequency** | 2048 Hz or 2300 Hz | | **Current Consumption** | Max 30mA - 80mA | | **Mounting Type** | Through-hole (DIP) or Surface Mount (SMD) | | **Housing Material** | PBT or LCP (High-temperature resistant) | --- ## 2. Operating Principle Unlike piezo buzzers which use crystals, the **MH72TDD-R** operates on electromagnetism: 1. **Coil & Magnet:** Inside the plastic casing is a wire coil and a permanent magnet. 2. **Diaphragm:** A flexible metal disk (diaphragm) is suspended above the coil. 3. **Vibration:** When an oscillating electrical signal passes through the coil, it creates a fluctuating magnetic field. This field pulls and releases the metal diaphragm rapidly. 4. **Sound:** The rapid vibration of the diaphragm moves the air, creating sound waves at the frequency of the input signal. --- ## 3. Circuit Integration To use the MH72TDD-R, you typically need a driving circuit because it is a **transducer** (it does not have a built-in oscillator). ### Basic Transistor Driver To drive this part with a microcontroller (like an Arduino or ESP32), a transistor is required to handle the current: ```cpp // Example: Generating a 2kHz tone on Pin 9 void setup() { pinMode(9, OUTPUT); } void loop() { tone(9, 2048); // Send 2048Hz signal to the MH72TDD-R delay(1000); noTone(9); delay(1000); } ``` --- ## 4. Key Applications * **Consumer Electronics:** Microwave ovens, washing machines, and timers. * **Industrial Equipment:** Control panel alerts and fault indicators. * **Medical Devices:** Pulse monitors or equipment status alarms. * **Automotive:** Dashboard alerts and turn signal indicators.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MH72TDD-R and a piezo buzzer?
    • ⤷ How do I calculate the flyback diode needed for this magnetic buzzer?
    • ⤷ Can this component be driven directly by a microcontroller GPIO pin?