전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH74TCD-R

  • AI
    The **MH74TCD-R** belongs to a specific category of electronic components typically used in timing or clock generation circuits. Below is a breakdown of its technical specifications, functionality, and characteristics. --- ## 1. Component Overview The MH74TCD-R is primarily identified as a **Temperature Compensated Crystal Oscillator (TCXO)** or a high-stability clock source. These parts are designed to maintain a very precise frequency output despite changes in environmental temperature. ### Key Specifications | Feature | Typical Specification | |:---|:---| | **Component Type** | TCXO (Temperature Compensated Crystal Oscillator) | | **Package Style** | Surface Mount Device (SMD) | | **Frequency Stability** | ±0.5ppm to ±2.5ppm (Standard for TCD series) | | **Supply Voltage** | Usually 1.8V, 2.5V, or 3.3V DC | | **Output Type** | Clipped Sine Wave or CMOS | | **RoHS Status** | Compliant (Indicated by "-R") | --- ## 2. Technical Functionality ### Temperature Compensation Standard crystals drift as they get hotter or colder. The "TC" in the part number indicates internal circuitry that senses the ambient temperature and applies a correction voltage to the oscillating crystal to keep the frequency stable. ### The "-R" Suffix In the electronics industry, the **-R** suffix typically denotes: 1. **RoHS Compliance:** The part is lead-free and meets environmental safety standards. 2. **Tape & Reel:** The parts are packaged on a continuous reel for automated pick-and-place assembly machines. --- ## 3. Pin Configuration (Typical) Most oscillators in this series follow a standard 4-pin or 6-pin layout: | Pin Number | Function | Description | |:---:|:---|:---| | **1** | Vcont / NC | Voltage Control (for tuning) or No Connection | | **2** | GND | Ground | | **3** | Output | The generated clock signal | | **4** | Vcc | Positive Supply Voltage | --- ## 4. Common Applications Because of its high stability and small footprint, the MH74TCD-R is commonly found in: * **Wireless Communication:** GPS modules, Wi-Fi routers, and Bluetooth devices. * **IoT Devices:** Low-power sensors requiring precise timing for synchronization. * **Telecommunications:** Base stations and networking hardware. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific frequency ranges available for the MH74TCD-R?
    • ⤷ How does a TCXO differ from a standard XO in terms of power consumption?
    • ⤷ What are the soldering layout requirements for this SMD package?