전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH76FDG-R

  • AI
    The **MH76FDG-R** is an advanced automotive-grade GNSS (Global Navigation Satellite System) module developed by Quectel. It is specifically designed to provide high-precision positioning for autonomous driving and advanced driver-assistance systems (ADAS). --- ## 1. Core Technical Specifications The module integrates multi-band GNSS technology with Real-Time Kinematic (RTK) and Dead Reckoning (DR) capabilities. | Feature | Specification | | :--- | :--- | | **GNSS Constellations** | GPS, GLONASS, BeiDou, Galileo, QZSS | | **Frequency Bands** | L1 + L5 (Dual Band) | | **Positioning Accuracy** | Centimeter-level (with RTK) | | **Protocol** | NMEA 0183, RTCM 3.x | | **Interface** | UART, CAN Bus, I2C, USB | | **Operating Temperature** | -40°C to +85°C | --- ## 2. Key Electronic Components & Technologies ### A. Integrated IMU (Inertial Measurement Unit) The "FDG" variant typically includes a built-in 6-axis MEMS sensor (3-axis Gyroscope + 3-axis Accelerometer). * **Function:** Enables **Dead Reckoning (DR)**. * **Use Case:** When the vehicle enters a tunnel or parking garage where satellite signals are lost, the IMU calculates the position based on the last known coordinates, speed, and heading. ### B. Dual-Band GNSS Engine Unlike standard modules that only use the L1 band, the MH76FDG-R utilizes the **L1 and L5 bands** simultaneously. * **Ionospheric Delay:** It cancels out errors caused by the atmosphere. * **Multipath Mitigation:** It reduces signal interference caused by buildings in "urban canyons." ### C. RTK (Real-Time Kinematic) Support The module contains a high-performance processor capable of processing RTCM correction data. This allows the device to resolve the carrier phase of the satellite signal, bringing positioning error down from meters to **centimeters**. --- ## 3. Pinout and Connectivity The module is usually surface-mounted (LCC package). Below are the primary electronic interfaces: * **RF_IN:** Connection for the active or passive GNSS antenna. * **VCC/V_BCKP:** Main power supply (typically 3.3V) and backup battery input for hot starts. * **UART:** The primary communication link for sending NMEA data to the vehicle's ECU. * **Wheel Tick/Direction Pins:** Inputs for vehicle speed sensors to improve Dead Reckoning accuracy. --- ## 4. Typical Application Circuit When designing with the MH76FDG-R, the hardware architecture generally follows this flow: ```mermaid graph LR A[GNSS Antenna] --> B[MH76FDG-R Module] C[Vehicle CAN Bus] --> B D[Wheel Speed Sensor] --> B B --> E[Main Processor/ECU] B --> F[RTK Correction Source] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for the MH76FDG-R during active RTK tracking?
    • ⤷ How does the L5 band specifically improve positioning accuracy compared to L1-only modules?
    • ⤷ Is this module compliant with ISO 26262 functional safety standards for automotive use?