전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH77TDG-R

  • AI
    The **MH77TDG-R** is an electronic component primarily classified as a **High-Voltage Power Supply (HVPS)** or a **Magnetron Power Supply**, typically used in industrial or large-scale microwave heating systems. It is part of the "MH" series often associated with brands like **TDK-Lambda** or specialized industrial microwave manufacturers. --- ## 1. Core Technical Specifications The device acts as a specialized inverter to drive high-power magnetrons. Below are the typical characteristics associated with this part number: | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 200V - 240V AC (Single or Three Phase depending on revision) | | **Output Voltage** | 3.5kV to 5kV DC (Negative high voltage) | | **Output Current** | 300mA - 800mA (Variable) | | **Cooling Method** | Forced Air or Water Cooled (indicated by "G-R" variants) | | **Control Interface** | Analog (0-10V) or Digital Communication | --- ## 2. Key Electronic Internal Sections To function effectively, the MH77TDG-R contains several critical electronic sub-systems: ### A. Rectifier and PFC Stage * **Bridge Rectifiers:** Converts the incoming AC line voltage into a high-voltage DC bus. * **Power Factor Correction (PFC):** Ensures the power supply operates efficiently and reduces harmonic distortion on the electrical grid. ### B. Inverter Bridge (IGBTs) * The heart of the unit consists of high-speed **IGBTs (Insulated Gate Bipolar Transistors)**. * They switch the DC bus at high frequencies (typically 20kHz - 50kHz) to allow for a smaller, more efficient transformer. ### C. High-Voltage Transformer * A step-up transformer that takes the switched AC from the IGBTs and raises it to the several thousand volts required to trigger a magnetron. ### D. Feedback and Control Circuitry * **Current Sensing:** Monitors the "Beam Current" of the magnetron to ensure stable microwave output. * **Protection Logic:** Includes sensors for Over-Temperature, Over-Voltage, and Short-Circuit protection. --- ## 3. Typical Applications The MH77TDG-R is not found in household electronics; it is designed for: 1. **Industrial Microwave Ovens:** Used for drying wood, food processing, or vulcanizing rubber. 2. **Plasma Generators:** Used in semiconductor manufacturing or surface treatment. 3. **UV Curing Systems:** Driving high-intensity discharge lamps. --- ## 4. Safety Warning > **DANGER:** This component handles extremely high voltages (above 4,000V) and high currents. These levels are **lethal**. Repairs or inspections should only be performed by qualified personnel with specialized high-voltage discharge tools.
    ✨ Follow-up Questions
    • ⤷ What are the common failure symptoms of the MH77TDG-R power supply?
    • ⤷ How does the 'G-R' suffix differentiate this model from the standard MH77T?
    • ⤷ What is the pinout configuration for the control interface?