전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MH78FDD-R

  • AI
    The **MH78FDD-R** is a high-density D-Sub connector designed for rugged industrial and aerospace applications. It belongs to a category of interconnect components that prioritize space efficiency and high signal density. Below is a detailed breakdown of its electronic and physical specifications. --- ## 1. Technical Specifications The "78" in the part number indicates that this connector houses **78 pins** within the standard shell size of a typical 50-pin D-sub, achieved through a high-density layout. | Feature | Specification | | :--- | :--- | | **Connector Type** | High-Density D-Sub | | **Number of Positions** | 78 Pins | | **Gender** | Female (Socket) | | **Termination Style** | Right Angle (Through-Hole / PCB Mount) | | **Contact Plating** | Typically Gold over Nickel | | **Current Rating** | 3A to 5A per contact (approx.) | | **Voltage Rating** | 250V AC/DC | | **Operating Temperature** | -55°C to +105°C | --- ## 2. Component Breakdown The part number follows a specific nomenclature that describes its construction: ### A. Housing & Shell * **Material:** Steel shell, usually tin or zinc plated for EMI/RFI shielding. * **Insulator:** Glass-filled thermoplastic (UL 94V-0 rated), which is flame retardant and provides high dielectric strength between the 78 closely packed pins. ### B. Contacts (The "F" in Part Number) * **F (Female):** Indicates socket contacts. These are precision-machined or stamped copper alloy contacts designed for low electrical resistance. * **Density:** It uses three or four rows of pins to fit 78 contacts into a compact footprint. ### C. Mounting (The "DD-R" Suffix) * **DD:** Refers to the shell size/mounting density. * **R (Right Angle):** This indicates the pins are bent at a 90-degree angle, intended for mounting directly onto the edge of a Printed Circuit Board (PCB). This is common in rack-mounted equipment. --- ## 3. Applications Due to its high pin count and robust shielding, the MH78FDD-R is commonly found in: 1. **Industrial Automation:** Connecting PLCs to dense sensor arrays. 2. **Telecommunications:** High-speed data routing hardware. 3. **Military/Aerospace:** Flight control systems where space is limited but high signal count is required. 4. **Test & Measurement:** Multi-channel data acquisition systems. --- ## 4. Key Advantages * **Space Saving:** Provides nearly 60% more signal paths than standard D-Subs in the same panel cutout. * **Durability:** Metal shells provide mechanical strength and grounding capabilities. * **Signal Integrity:** The high-density arrangement is designed to maintain signal clarity even when multiple pins are active simultaneously.
    ✨ Follow-up Questions
    • ⤷ What is the standard footprint/pitch for a 78-pin high-density D-sub connector?
    • ⤷ What are the common mounting hardware options (e.g.
    • ⤷ boardlocks
    • ⤷ jack screws) for the MH78 series?
    • ⤷ Are there specific environmental sealing ratings (like IP67) available for this connector model?