전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHDPPK9-R-K

  • AI
    The **MHDPPK9-R-K** is a high-quality connector kit commonly used in data networking and industrial electronics. Specifically, it is a **9-pin D-Sub (DB9) Plug Kit** designed for durability and ease of assembly. Below is a detailed breakdown of its components and electronic specifications. --- ### 1. Component Breakdown The "K" in the part number typically denotes a complete **Kit**, which includes the following physical parts: | Component | Description | | :--- | :--- | | **Connector** | A 9-pin Male D-Sub (Plug) with Solder Bucket terminations. | | **Backshell (Hood)** | A rugged, black Polyamide (Plastic) housing. | | **Hardware** | Two long thumbscrews (usually 4-40 UNC thread) and internal strain relief clamps. | | **Contacts** | Gold-plated copper alloy pins for high conductivity and oxidation resistance. | --- ### 2. Technical Specifications The electronic performance of the MHDPPK9-R-K is defined by the quality of the D-Sub insert and the shielding properties of the shell. | Feature | Specification | | :--- | :--- | | **Number of Contacts** | 9 Pins | | **Gender** | Male (Plug) | | **Termination Style** | Solder Cup (Accepts 20-28 AWG wire) | | **Current Rating** | 5 Amps per contact | | **Voltage Rating** | 250V AC/DC | | **Contact Resistance** | < 10 mΩ | | **Insulation Resistance** | > 5000 MΩ | | **Operating Temperature** | -55°C to +105°C | --- ### 3. Key Electronic Features * **Solder Cup Termination:** This allows for a permanent, low-resistance electrical connection between the wire and the pin. It is preferred for custom cable lengths or field repairs. * **Gold Plating:** The pins are typically flash-plated with gold. This prevents corrosion (tarnish) which is vital for maintaining signal integrity in low-voltage data applications like RS-232. * **Strain Relief:** The kit includes a compression insert system. This prevents mechanical stress on the solder joints if the cable is pulled, ensuring the circuit remains closed. * **Material:** The backshell is made of **Polyamide (UL94V-0)**, providing excellent electrical insulation and flame retardancy. --- ### 4. Common Applications * **RS-232 Serial Communication:** The standard 9-pin configuration for COM ports. * **Industrial Control:** Connecting PLCs (Programmable Logic Controllers) to HMI screens. * **CAN bus:** Used in automotive and automation environments for robust data transmission. * **Custom Tooling:** DIY interfaces for microcontrollers (Arduino/Raspberry Pi) and diagnostic equipment.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'K' suffixes in this part number?
    • ⤷ Can this connector be used for high-speed data transmission like USB 3.0?
    • ⤷ What gauge of wire is recommended for the solder buckets in this kit?