전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+11TAG-R

  • AI
    The **MHO+11TAG-R** is a specific model of an **Industrial Joystick** or **Multi-Axis Controller**, typically utilized in heavy machinery, material handling (forklifts), and maritime equipment. It is engineered for precision control in harsh environments. ### 1. Technical Specifications Overview Below are the primary electronic and mechanical characteristics associated with this series: | Parameter | Specification | | :--- | :--- | | **Technology** | Hall Effect (Non-contacting) | | **Output Type** | Analog (Ratiometric) or Digital (CAN/PWM) | | **Input Voltage** | 5V DC (standard) or 12-24V DC | | **Axes** | 2-Axis (X and Y) with Z-axis option | | **Connector Type** | Deutsch or Molex multi-pin | | **Durability** | IP67 (Above panel) | --- ### 2. Core Electronic Components #### A. Hall Effect Sensors Unlike traditional potentiometers that use physical wipers, the **MHO+11TAG-R** uses Hall Effect sensors. * **Function:** It detects the position of a magnet attached to the joystick shaft. * **Benefit:** No physical wear and tear, leading to a lifespan of millions of cycles. * **Safety:** Usually features dual-redundant outputs to prevent accidental movement if one sensor fails. #### B. The "TAG" Handle (Control Interface) The "TAG" designation refers to the ergonomic grip style. The electronics inside the handle often include: * **Deadman Switch:** A trigger or button that must be pressed to enable movement. * **Proportional Rockers:** Small thumbwheels that provide auxiliary analog control. * **Push-Buttons:** Momentary switches for functions like horns, lifts, or attachments. #### C. Signal Conditioning Circuitry The internal PCB (Printed Circuit Board) converts the magnetic field data into a usable signal for the Machine Control Unit (MCU). * **Ratiometric Output:** The output voltage changes in proportion to the input voltage (e.g., 2.5V center, 0.5V to 4.5V range). * **Spring Return:** Electronic centering ensures the signal returns to a precise "zero" state when released. --- ### 3. Application Use Cases The electronic robustness of the MHO series makes it suitable for: 1. **Hydraulic Systems:** Controlling proportional valves. 2. **Electric Vehicles:** Directional and speed control for AGVs. 3. **Construction:** Operating cranes and excavators where high vibration is present. --- ### 4. Wiring and Connectivity The **-R** suffix often indicates a specific wiring harness or a specific resistance/return configuration. * **Vcc (Red):** Power Supply. * **GND (Black):** Ground. * **Output X (White/Yellow):** X-axis signal. * **Output Y (Blue/Green):** Y-axis signal.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the MHO+11TAG-R connector?
    • ⤷ How do I calibrate the neutral position of a Hall Effect joystick?
    • ⤷ Can this joystick be converted from analog to CANbus output?