MHO+14FGD-R
AI

The **MHO+14FGD-R** is a specific part number typically associated with **Full-Size (14-pin DIP footprint) Crystal Oscillators**. These components are fundamental in digital electronics for providing a stable clock signal.
---
### 1. Technical Specifications
Based on the standard nomenclature for the MHO series, here are the primary technical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Package Type** | 14-Pin DIP (Full Size) |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage (Vcc)** | Typically +5.0V DC (Standard for MHO series) |
| **Frequency Stability** | Usually ±50ppm or ±100ppm |
| **Pin Count** | 4 active pins (in a 14-pin rectangular housing) |
| **Operating Temperature** | 0°C to +70°C (Standard Commercial Grade) |
---
### 2. Pin Configuration
Although it is housed in a 14-pin sized metal can, only four pins are physically present or functional. The standard pinout for this series is as follows:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | NC / Standby | No Connection or Tri-state control |
| **Pin 7** | GND | Circuit Ground / Case Ground |
| **Pin 8** | Output | The generated square wave frequency |
| **Pin 14** | Vcc | Power Supply (+5V) |
---
### 3. Part Number Breakdown
The suffixing in these parts usually indicates specific tolerances or packaging:
* **MHO:** Series designation (Metal Hybrid Oscillator).
* **14:** Refers to the "14-pin" physical footprint (Full size).
* **F:** Often denotes frequency stability or specific voltage (Verify against manufacturer datasheet as this can vary).
* **GD:** Usually refers to a specific frequency stability grade (e.g., ±50ppm).
* **R:** Generally indicates **RoHS Compliance** (Lead-free).
---
### 4. Common Applications
These oscillators are "active" components, meaning they contain the quartz crystal and the oscillation circuitry (capacitors/transistors) inside the metal shielding. Common uses include:
* **Microprocessor Clocks:** Providing the heartbeat for CPUs.
* **Networking Equipment:** Timing for Ethernet controllers.
* **Legacy Hardware:** Found frequently in older industrial PC boards and telecommunications gear.
---
- ⤷
What is the specific frequency megahertz (MHz) of your MHO+14FGD-R unit?
- ⤷ How does a 4-pin oscillator differ from a 2-pin quartz crystal?
- ⤷ What are the power consumption requirements for this series?