전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+15FCG-R

  • AI
    The **MHO+15FCG-R** is a specific part number typically associated with **MHO (Metal House-type Oscillators)**. It represents a high-stability, high-frequency crystal oscillator manufactured by companies like **MtronPTI**. These components are critical for timing and frequency control in telecommunications and industrial electronics. --- ### 1. Technical Specifications Breakdown The part number follows a specific nomenclature that defines its electrical and physical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Type** | Crystal Oscillator (XO) | A complete oscillator circuit including the crystal and drive circuitry. | | **Package Style** | 14-Pin DIP (Half-Size) | Though it uses a DIP footprint, it often only utilizes 4 pins. | | **Voltage Supply** | +5.0V DC | Standard TTL/CMOS logic supply voltage. | | **Output Type** | HCMOS/TTL | Compatible with both high-speed CMOS and standard TTL logic gates. | | **Frequency Stability** | ±100 ppm (Typical) | The "15" or "G" codes often denote stability over temperature. | | **RoHS Status** | Compliant (-R) | The suffix "-R" indicates lead-free, RoHS compliance. | --- ### 2. Physical Layout and Pinout These oscillators are housed in a hermetically sealed metal "can," which provides excellent EMI (Electromagnetic Interference) shielding. | Pin Number | Function | Description | | :--- | :--- | :--- | | **Pin 1** | N/C or Tri-State | Often used for output enable/disable or left unconnected. | | **Pin 7** | GND | Circuit ground and case ground. | | **Pin 8** | Output | The generated clock signal (square wave). | | **Pin 14** | Vcc | Positive power supply (+5V). | --- ### 3. Key Applications The MHO series is designed for reliability in "always-on" environments. Common use cases include: * **Networking Equipment:** Hubs, switches, and routers requiring a stable reference clock. * **Industrial Controllers:** PLC (Programmable Logic Controllers) and embedded systems. * **Legacy Computing:** Replacement parts for older motherboards or timing cards that use 5V logic. * **Test & Measurement:** Oscilloscopes and signal generators. --- ### 4. Implementation Example (Basic Hookup) To use this component in a circuit, a decoupling capacitor is recommended to minimize power supply noise. ```cpp // Logic representation of an Oscillator Output in an MCU void setup() { pinMode(CLOCK_INPUT_PIN, INPUT); // Signal from Pin 8 of MHO+15FCG-R } /* Note: The oscillator is self-contained. Unlike a crystal, it does not require external load capacitors. Simply apply 5V and GND to start the signal. */ ```
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the MHO+15FCG-R variant you are looking for?
    • ⤷ How does an active oscillator differ from a passive quartz crystal in a circuit?
    • ⤷ Are there modern SMD (Surface Mount) equivalents if the DIP package is too large for your design?