전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+16FAAD-R

  • AI
    The **MHO+16FAAD-R** is a specific part number belonging to a series of **Oscillators** (specifically Crystal Oscillators) manufactured by companies like **MtronPTI**. These components are critical in electronic circuits for generating a precise clock signal or frequency reference. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here is a breakdown of its core parameters: | Parameter | Typical Specification | Description | | :--- | :--- | :--- | | **Component Type** | XO (Crystal Oscillator) | A fixed-frequency clock source. | | **Frequency** | 16.000 MHz | The specific speed at which the clock cycles. | | **Package / Case** | 14-pin DIP (Full Size) | A metal through-hole package (often 4 pins are active). | | **Operating Voltage** | 5.0V | Standard TTL/CMOS logic supply voltage. | | **Output Type** | HCMOS/TTL | Compatible with most digital logic families. | | **Stability** | ±100ppm / ±50ppm | Frequency variation over temperature. | --- ### 2. Physical Construction and Pins The "MHO" series typically uses a metal "Full-Size" rectangular package. While it looks like a 14-pin integrated circuit, it usually only utilizes 4 pins located at the corners: * **Pin 1:** NC (No Connect) or Tri-state (Enable/Disable). * **Pin 7:** Ground (GND). * **Pin 8:** Output (The 16MHz square wave). * **Pin 14:** Supply Voltage (Vcc). --- ### 3. Part Number Decoding (Typical) Electronic part numbers are often "smart" codes. For the MHO+ series, the breakdown usually looks like this: * **MHO:** Series prefix (Metal Thru-Hole Oscillator). * **16:** The frequency (16.000 MHz). * **F:** Symmetry/Duty Cycle code (e.g., 40/60% or 45/55%). * **AA:** Temperature range and stability code (e.g., 0°C to +70°C at ±100ppm). * **D:** Output Load (usually 15pF or 50pF). * **-R:** RoHS Compliant (Lead-free). --- ### 4. Common Applications This specific 16MHz oscillator is frequently used in legacy and industrial electronics, including: 1. **Microcontrollers:** Providing the external clock for 8-bit or 16-bit MCUs (like an Arduino or 8051 variant). 2. **Communication Ports:** Timing for RS-232 or Ethernet controllers. 3. **Digital Signal Processing:** Synchronizing data converters (ADCs/DACs). 4. **Legacy Computing:** Motherboards or peripheral cards requiring a stable 16MHz heartbeat.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this oscillator and a standard 2-pin crystal?
    • ⤷ Can I substitute this with a 3.3V version in a 5V circuit?
    • ⤷ How do I test if the MHO+16FAAD-R is functioning correctly using an oscilloscope?