전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+16FBD-R

  • AI
    The **MHO+16FBD-R** is a specific part number typically associated with **SMD (Surface Mount Device) Crystal Oscillators**. These components are essential in digital electronics for providing a precise and stable clock signal to microprocessors and controllers. --- ### 1. Technical Specifications Overview Based on standard industry nomenclature for the MHO series, here are the likely technical specifications: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | XO (Crystal Oscillator) | Active timing device | | **Frequency** | 16.000 MHz | The base operational frequency | | **Package Size** | 5.0 x 7.0 mm (approx) | Standard SMD footprint | | **Voltage Supply** | 3.3V or 5.0V | Typical logic level supply | | **Output Type** | CMOS / TTL | Compatible with standard digital logic | | **Stability** | ±25ppm to ±100ppm | Frequency variance over temperature | | **RoHS Status** | Compliant (R-suffix) | Lead-free and environmentally friendly | --- ### 2. Breakdown of the Part Number The alphanumeric string follows a specific manufacturer coding logic: * **MHO:** Series designation (often refers to a specific lead-style or high-reliability series). * **16:** Represents the frequency (16.000 MHz). * **FBD:** These characters usually denote internal specifications such as: * **F:** Frequency stability rating. * **B:** Operating temperature range (e.g., -20°C to +70°C). * **D:** Duty cycle or Tristate function availability. * **-R:** Indicates "RoHS Compliant" or "Tape & Reel" packaging for automated assembly. --- ### 3. Key Electronic Functions The MHO+16FBD-R serves several critical roles in a circuit: 1. **Clock Generation:** It acts as the "heartbeat" of the PCB, ensuring all digital components execute instructions at the same time. 2. **Signal Stability:** Unlike a passive 2-pin crystal, this is an **active** oscillator. It includes an internal bypass capacitor and an IC to provide a clean square wave output. 3. **Low Jitter:** Designed to minimize timing errors (jitter), which is crucial for high-speed data communication. --- ### 4. Common Applications * **Microcontrollers:** Providing the external clock for MCUs that require higher precision than internal RC oscillators. * **Communication Equipment:** Modems, routers, and switches. * **Embedded Systems:** Industrial automation controllers and IoT gateways. * **Consumer Electronics:** Digital cameras and media players. ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring differences between a 2-pin passive crystal and this 4-pin active oscillator?
    • ⤷ How does the '±ppm' stability rating affect the performance of a high-speed circuit?
    • ⤷ What is the typical operating temperature range for the 'B' code in this series?