전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+16FFD-R

  • AI
    The **MHO+16FFD-R** is a specific model within the category of **High-Density Fiber Distribution Frames (ODF)** or fiber management modules, typically utilized in telecommunications and data center infrastructure. --- ## 1. Component Overview The MHO series is designed for high-density optical connectivity. Below is a breakdown of its primary electronic and mechanical characteristics: | Feature | Specification / Description | | :--- | :--- | | **Model Type** | MHO+ (Modular High Output / High Density) | | **Fiber Count** | 16-Port (indicated by the "16" in the part number) | | **Connector Type** | Usually configured for LC or SC (FFD implies Fixed Fiber Density) | | **Mounting** | Rack-mountable (Standard 19-inch or ETSI frames) | | **Application** | FTTH, Central Office, and Data Center Switching | --- ## 2. Key Technical Parts ### A. Optical Adapters The core of the unit consists of **16 high-precision ceramic sleeve adapters**. These are responsible for the physical alignment of fiber optic ferrules, ensuring low insertion loss (<0.2dB) and high return loss. ### B. Internal Splicing Tray Inside the "R" (Rear-access or Rack-optimized) housing, there is a dedicated cable management area. * **Pigtails:** Pre-terminated fiber strands. * **Splice Protectors:** Heat-shrink sleeves that protect the fusion point between the incoming feeder cable and the internal pigtails. ### C. Chassis Construction * **Material:** Typically cold-rolled steel or aluminum with an electrostatic powder coating. * **Cable Routing:** Includes bend-radius protectors to ensure the fiber does not bend beyond its limit, preventing signal attenuation or "macro-bending" losses. --- ## 3. Signal Performance Parameters While not "electronic" in the sense of having integrated circuits, these parts are critical for the transmission of high-frequency optical signals: ```yaml Performance_Metrics: Insertion_Loss: ≤ 0.3 dB Return_Loss: ≥ 50 dB (UPC) / ≥ 60 dB (APC) Durability: > 1000 matings Operating_Temperature: -40°C to +85°C ``` --- ## 4. Usage in the Network The MHO+16FFD-R acts as the interface between the **active equipment** (like an OLT or Network Switch) and the **passive plant** (the fiber cables running to customers). Its modular design allows technicians to swap out 16-port blocks without disturbing the rest of the rack.
    ✨ Follow-up Questions
    • ⤷ What is the difference between UPC and APC connectors in these modules?
    • ⤷ Does this model support Singlemode or Multimode fiber?
    • ⤷ How does the MHO+ system compare to standard LGX modules?