전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+16FGD-R

  • AI
    The **MHO+16FGD-R** is a specific model within the **MHO+ series** of industrial-grade microcomputers (Mini PCs), often utilized in edge computing, digital signage, and specialized workstation environments. Below is a breakdown of its core electronic components and technical specifications. --- ### 1. Core Processor & Architecture The "16FGD" designation typically refers to the integration of high-performance mobile or embedded processors. | Component | Specification | | :--- | :--- | | **CPU Options** | Usually features AMD Ryzen 7 or 9 (e.g., 5000/6000 series) or Intel Core i7/i9 equivalent. | | **Graphics (GPU)** | Integrated Radeon Graphics or Iris Xe, supporting 4K/8K hardware decoding. | | **Thermal Design** | Active cooling with copper heat pipes and a high-RPM silent fan to prevent thermal throttling. | ### 2. Memory and Storage Interfaces The internal PCB (Printed Circuit Board) is designed for expandability and high-speed data throughput. * **RAM (Memory):** Dual-channel DDR4 or DDR5 SODIMM slots, typically supporting up to 64GB. * **SSD (Storage):** * 1x M.2 2280 PCIe NVMe (Gen 4x4 or Gen 3x4). * Some variants include a secondary SATA III interface for 2.5-inch SSDs/HDDs. ### 3. Connectivity and I/O Layout The electronic layout emphasizes high-bandwidth ports for professional peripherals. | Port Type | Functionality | | :--- | :--- | | **Video Output** | Dual HDMI 2.0/2.1 and DisplayPort (DP) for multi-monitor setups. | | **USB Interface** | USB 3.2 Gen2 (10Gbps) and often a Type-C port with Power Delivery (PD) support. | | **Networking** | Dual 2.5GbE RJ45 Ethernet ports (Intel or Realtek controllers) for network redundancy. | | **Wireless** | M.2 WiFi 6E card slot with Bluetooth 5.2 integration. | ### 4. Power Management The unit operates on a DC-in power system, requiring a high-wattage external adapter to stabilize the high-performance CPU. * **Input Voltage:** 12V - 19V DC. * **Power Delivery:** Internal VRMs (Voltage Regulator Modules) handle the step-down conversion to power the CPU cores, RAM, and PCIe lanes separately to ensure stability under load. --- ### Key Applications * **Edge Computing:** Handling IoT data processing locally. * **Creative Work:** Photo/Video editing thanks to the high thread count. * **Virtualization:** Running multiple VMs due to large RAM capacity.
    ✨ Follow-up Questions
    • ⤷ What is the maximum TDP (Thermal Design Power) supported by the MHO+16FGD-R?
    • ⤷ Does this model support ECC (Error Correction Code) memory?
    • ⤷ What are the specific physical dimensions of the chassis?