전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+17FFD-R

  • AI
    The **MHO+17FFD-R** refers to a high-quality series of **Subminiature Power Relays**, commonly manufactured by brands like **NCR** or **Forward**. These are electromagnetic switches designed to control high-power loads using a low-power signal. --- ### 1. Key Technical Specifications The following table outlines the typical electrical and mechanical characteristics of the 17FFD series: | Feature | Specification | | :--- | :--- | | **Contact Form** | 1A (SPST), 1B (SPST-NC), or 1C (SPDT) | | **Contact Rating** | 10A to 15A @ 125VAC / 7A to 10A @ 250VAC | | **Coil Voltage (DC)** | 3V, 5V, 6V, 9V, 12V, 24V, 48V | | **Coil Power Consumption** | Approx. 0.36W to 0.45W | | **Contact Resistance** | ≤ 100mΩ | | **Insulation Resistance** | 100MΩ (at 500VDC) | | **Dielectric Strength** | 1500VAC (between coil and contacts) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Internal Components and Functionality The device consists of several critical electronic and mechanical parts: * **Electromagnetic Coil:** A copper wire winding that creates a magnetic field when DC current flows through it. * **Armature:** A moving lever attracted by the magnetic field of the coil. * **Contacts (Silver Alloy):** Usually made of $AgSnO_2$ or $AgCdO$ to resist arcing and welding under high current loads. * **Yoke and Core:** Provide the magnetic path for the flux generated by the coil. * **Return Spring:** Ensures the contacts return to their default state (Normally Closed or Open) once power is removed from the coil. --- ### 3. Part Number Breakdown (Nomenclature) While codes can vary slightly by manufacturer, the "17FFD" usually follows this logic: | Segment | Meaning | | :--- | :--- | | **MHO** | Manufacturer/Series Branding (e.g., NCR) | | **17FFD** | Model series (Dimensions: ~19 x 15 x 15 mm) | | **12 (Optional)** | Coil Voltage (e.g., 12VDC) | | **-1H / -1Z** | Contact Form (H = Form A, Z = Form C) | | **-R** | RoHS Compliance (Lead-free) | --- ### 4. Common Applications Due to its small footprint and high switching capacity, it is frequently used in: 1. **Home Appliances:** Microwave ovens, air conditioners, and washing machines. 2. **Automotive Electronics:** Power windows and central locking systems. 3. **Industrial Controls:** PLC outputs and motor control circuits. 4. **Office Automation:** Printers and copiers. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 1A and 1C contact forms for this relay?
    • ⤷ How do I calculate the flyback diode needed for the MHO+17FFD-R coil?
    • ⤷ Is the MHO+17FFD-R compatible with breadboard prototyping?