전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+18FBD-R

  • AI
    The **MHO+18FBD-R** is a specific technical designation typically associated with high-frequency, surface-mount **Crystal Oscillators**. These components are critical for providing stable clock signals in digital circuits, telecommunications, and computing hardware. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Component Overview The "MHO" series (often manufactured by companies like MtronPTI or similar frequency control specialists) refers to **Metal Half-size oscillators** or specific SMT (Surface Mount Technology) packages designed for durability and precision. ### 2. Technical Specifications | Feature | Typical Specification | | :--- | :--- | | **Component Type** | Fixed Frequency Crystal Oscillator (XO) | | **Frequency Range** | Usually custom-set (e.g., 1.0 MHz to 100+ MHz) | | **Supply Voltage (Vcc)** | Typically 3.3V or 5.0V | | **Output Type** | CMOS / TTL Compatible | | **Package Style** | 14-pin DIP (Half-size) or SMD equivalent | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Frequency Stability** | ±25ppm to ±100ppm | --- ### 3. Part Number Decoder (Breakdown) While naming conventions vary slightly by manufacturer, the suffix **+18FBD-R** generally indicates specific environmental and electrical tolerances: * **MHO:** The Series identifier (High-speed CMOS, metal package). * **18:** Often refers to the frequency or a specific voltage code (e.g., 1.8V or a multiplier). * **F:** Frequency stability indicator (e.g., ±50ppm). * **BD:** Temperature range code (often indicating Industrial range). * **-R:** **RoHS Compliant**. This confirms the part is lead-free and meets environmental safety standards. --- ### 4. Pin Configuration (Internal Architecture) Most oscillators in this category follow a standard 4-pin or 14-pin layout: ```markdown 1. Tri-state / Enable: High = Output active; Low = High Impedance 2. Ground: Connected to the system common ground 3. Output: The generated square wave (clock signal) 4. Vcc: Positive power supply input ``` --- ### 5. Common Applications * **Microprocessors:** Providing the "heartbeat" for CPUs and MCUs. * **Networking:** Synchronizing data packets in Ethernet switches or routers. * **Embedded Systems:** Used in industrial automation controllers where timing precision is required. * **Consumer Electronics:** High-speed interfaces like USB or HDMI controllers. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of your specific MHO+18FBD-R unit?
    • ⤷ How does frequency stability (ppm) affect high-speed digital circuits?
    • ⤷ Can this oscillator be used in automotive-grade environments?