전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+18FGD-R

  • AI
    The **MHO+18FGD-R** appears to be a specific model designation often associated with **high-performance mini-PCs** or specialized industrial computing modules (frequently under brands like Morefine or similar OEM manufacturers). These devices are characterized by their dense integration of powerful laptop-grade components into a small form factor. Below is an analysis of the primary electronic components and architecture typically found in this hardware category. --- ### 1. Core Processing Unit (CPU/GPU) At the heart of the "18FGD" series is usually a high-end mobile processor. * **Architecture:** Typically utilizes AMD Ryzen 9 or Intel Core i9 mobile chips (H or HX series). * **Graphics:** Integrated high-performance graphics (like Radeon 780M) or, in some "R" variants, a discrete mobile GPU connected via a PCIe riser internal to the chassis. ### 2. Memory and Storage Interface | Component | Specification Type | Details | | :--- | :--- | :--- | | **RAM Slots** | 2x SO-DIMM | Supports DDR5 (up to 5600MHz) or DDR4 depending on the specific chipset generation. | | **Primary Storage** | M.2 2280 NVMe | PCIe Gen 4.0 x4 interface for high-speed SSDs. | | **Secondary Storage**| M.2 or SATA | Often includes a second M.2 slot or a ribbon cable connector for a 2.5-inch SATA drive. | ### 3. Power Management System (VRM) Because these units use high-TDP (Thermal Design Power) processors in a small space, the electronic power delivery is critical: * **DC-In:** Usually a 19V - 20V barrel jack. * **Voltage Regulator Modules (VRM):** Multi-phase power delivery to ensure stable voltage to the CPU under "Turbo" loads. * **Capacitors:** Solid-state capacitors are used for longevity and heat resistance. ### 4. Connectivity and I/O Controllers The "R" suffix often denotes a specific revision or "Rear" I/O configuration. * **Networking:** Dual 2.5GbE Ethernet controllers (often Intel i225-V or i226-V). * **Wireless:** An M.2 Key-E slot populated with a Wi-Fi 6E/Bluetooth 5.3 module. * **USB/Thunderbolt:** Usually includes a USB4 or Thunderbolt 4 controller for external GPU (eGPU) support. ### 5. Thermal Management Electronics * **PWM Fans:** Dual-fan setup (one for CPU, one for system/SSD cooling) controlled via the BIOS/UEFI. * **Sensors:** Multiple NTC thermistors placed near the VRMs and memory slots to prevent thermal throttling. --- ### Summary of Key Features ```json { "Model_Series": "MHO+18FGD-R", "Form_Factor": "Ultra Small Form Factor (USFF)", "Power_Input": "120W - 150W AC Adapter", "Expansion": "OCuLink or USB4 (High-speed external data)" } ```
    ✨ Follow-up Questions
    • ⤷ What is the specific CPU model used in the MHO+18FGD-R variant?
    • ⤷ Does this model support OCuLink for external graphics cards?
    • ⤷ What are the cooling requirements for the VRM in this specific chassis?