전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+18TAAD-R

  • AI
    The **MHO+18TAAD-R** is a specific part number typically associated with **Quartz Crystal Oscillators**, often manufactured by companies like MtronPTI. These components are critical for providing a stable clock signal in electronic circuits. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical and physical characteristics. While full datasheets should be consulted for precise tolerances, here are the general specifications for this series: | Parameter | Typical Specification | | :--- | :--- | | **Component Type** | HCMOS/TTL Crystal Oscillator | | **Package Style** | 14-pin DIP (Full Size) | | **Frequency Range** | Typically 1.000 MHz to 100.000 MHz | | **Supply Voltage ($V_{cc}$)** | +5.0 VDC (Standard) | | **Output Type** | HCMOS/TTL Compatible | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Key Features and Functions * **Clock Generation:** It acts as the "heartbeat" for microprocessors, digital signal processors (DSPs), and FPGAs. * **Stability:** Unlike a simple ceramic resonator, this active oscillator includes internal circuitry to ensure the frequency remains stable against temperature fluctuations and voltage noise. * **Tri-state Functionality:** The "A" or "T" designations in these series often refer to "Tight stability" or "Tri-state" capability, allowing the output to be disconnected (high impedance) for testing or power saving. * **DIP Package:** The 14-pin DIP (Dual In-line Package) footprint is a "through-hole" design, making it robust for industrial applications and easy to use in prototyping. --- ### 3. Pin Configuration (Standard 14-pin DIP) Even though the package has 14 pin locations, typically only 4 pins are electrically active: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | N/C or Tri-state | Leave open or use for output enable/disable. | | **7** | Ground (GND) | Connection to the negative supply rail. | | **8** | Output | The generated clock signal (Square Wave). | | **14** | $V_{cc}$ | Positive supply voltage (+5V). | --- ### 4. Applications * **Industrial Control Systems:** Used in PLCs and automation hardware due to its temperature stability. * **Telecommunications:** Providing timing for data transmission equipment. * **Embedded Systems:** General purpose timing for 8-bit or 16-bit legacy microcontrollers.
    ✨ Follow-up Questions
    • ⤷ What is the exact output frequency of the MHO+18TAAD-R variant you are looking at?
    • ⤷ How does an active crystal oscillator differ from a passive quartz crystal?
    • ⤷ What are the common alternatives for the 14-pin DIP oscillator package?