전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+21FCD-R

  • AI
    The **MHO+21FCD-R** is a specific part number typically associated with **MHO+ (Miniature High-Output)** series power relays or specialized switching components. These are commonly used in industrial automation, HVAC systems, and power management circuits. Below is a breakdown of the electronic characteristics and technical specifications typical of this component series. --- ### 1. Technical Specifications This component is designed for high-density mounting while maintaining the ability to switch significant current loads. | Feature | Description | | :--- | :--- | | **Component Type** | Electromechanical Power Relay | | **Contact Configuration** | Usually 1 Form C (SPDT) or 1 Form A (SPST) | | **Max Switching Voltage** | 250V AC / 30V DC | | **Rated Load** | Typically 10A to 16A (depending on specific sub-variant) | | **Coil Voltage** | Varies (21V DC or 24V DC variants are common) | | **Mounting Type** | Through-hole (PCB Mount) | | **Termination** | Solder terminals | --- ### 2. Key Internal Components The "R" suffix in the part number often denotes **RoHS Compliance** or a specific **Resistant/Sealed** casing. * **Coil Assembly:** The electromagnetic heart of the relay. When current flows through the coil, it creates a magnetic field that moves the armature. * **Armature & Spring:** The mechanical mechanism that toggles the contact position. * **Contacts:** Usually made of Silver Alloy (AgSnO2 or AgNi) to prevent welding and minimize electrical noise during high-load switching. * **Encapsulation:** A plastic housing designed to withstand soldering heat and environmental contaminants (Flux-proof or Wash-tight). --- ### 3. Application Use Cases Due to its compact size and high current rating, the MHO+21FCD-R is found in: 1. **Home Appliances:** Control boards for washing machines and refrigerators. 2. **Industrial Controls:** PLC output modules and timers. 3. **Power Supplies:** UPS systems for battery/mains switching. 4. **HVAC:** Fan motor control and compressor switching. --- ### 4. Circuit Diagram Representation In a schematic, this part is represented by a coil symbol and a switch contact: ```text [ Coil ] [ Contacts ] (+) ----(S)---- (-) Common (COM) | / | NC <--- | | NO <--- (Switches here when energized) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage rating for the '21' designation in this model?
    • ⤷ How does a 'Form C' contact configuration differ from 'Form A' in power relays?
    • ⤷ Are there specific pinout diagrams available for the MHO+ series?