전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+22FFD-R

  • AI
    The **MHO+22FFD-R** refers to a specific configuration of a high-power electromagnetic relay, typically manufactured by brands like **Songle** or **NCR**. This specific part is widely used in automotive and industrial control systems due to its high current handling capacity. --- ### 1. Component Overview This component is a **Miniature Power Relay**. It acts as an electrically operated switch that allows a low-power signal to control a much higher-power circuit. | Feature | Specification (Typical) | | :--- | :--- | | **Model Series** | 22F (T73 style / JQC-3FF) | | **Contact Form** | 1 Form C (SPDT) or 1 Form A (SPST) | | **Max Switching Current** | 10A to 15A (Load dependent) | | **Max Switching Voltage** | 250VAC / 30VDC | | **Coil Voltage** | Usually 12VDC or 24VDC (indicated by suffix) | | **Mounting Type** | Through-hole PCB | --- ### 2. Breakdown of the Part Number While naming conventions can vary slightly by manufacturer, the code generally breaks down as follows: * **MHO / JQC**: Brand or Series prefix. * **22F**: Refers to the physical dimensions and internal structure (Standard subminiature power relay). * **FD**: Typically indicates the **Sealed Type** (Wash tight), meaning the plastic casing is protected against solder flux or cleaning agents. * **-R**: Often indicates **RoHS Compliance** (Restriction of Hazardous Substances), ensuring the part is lead-free. --- ### 3. Internal Construction The relay consists of four primary electronic/mechanical sections: 1. **The Coil:** A copper wire winding. When energized, it creates a magnetic field. 2. **The Armature:** A moving metal piece attracted by the coil's magnetic field. 3. **The Contacts:** The actual "switch" points. Usually made of Silver Alloy (AgSnO2 or AgCdO) to resist "arcing" and welding under high heat. 4. **The Spring:** Returns the armature to the original position when power is removed from the coil. --- ### 4. Technical Pinout (Bottom View) Most 22F series relays follow a standard 5-pin layout: ```text [ Coil ] [ Common ] [ Coil ] O -------------- O -------------- O | | O ------------- O [ Normally ] [ Normally ] [ Open ] [ Closed ] ``` --- ### 5. Common Applications * **Automotive:** Power windows, central locking, and light control. * **Appliances:** Air conditioners, microwave ovens, and washing machines. * **Industrial:** PLC output modules and motor control.
    ✨ Follow-up Questions
    • ⤷ What is the specific coil voltage for your MHO+22FFD-R unit?
    • ⤷ Are you looking for a pin-compatible replacement for this relay?
    • ⤷ Does your circuit require a Normally Open (NO) or a Changeover (SPDT) configuration?