전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+23TCD-R

  • AI
    The **MHO+23TCD-R** is a specific model identifier typically associated with **Electromagnetic Buzzers** (or Magnetic Transducers) used in various electronic devices for acoustic signaling. Below is a detailed breakdown of the electronic specifications and characteristics associated with this part series. --- ### 1. General Specifications These components are designed to convert electrical signals into sound waves through electromagnetic induction. | Feature | Typical Specification | | :--- | :--- | | **Type** | Electromagnetic Transducer (Magnetic Buzzer) | | **Driving Method** | External Drive (requires an oscillating circuit) | | **Rated Voltage** | 1.5V - 3.0V DC | | **Operating Voltage** | 1.0V ~ 5.0V DC | | **Rated Current** | Max 70mA - 80mA | | **Sound Pressure Level (SPL)** | 85dB at 10cm | | **Resonant Frequency** | 2300Hz - 2700Hz | | **Operating Temperature** | -30°C to +70°C | --- ### 2. Physical Design and Dimensions The "23" in the part number often refers to a specific physical dimension or frequency characteristic, while the "R" usually indicates compliance or a specific taping/packaging style. * **Housing:** Usually made of Black PBT (Polybutylene Terephthalate) or high-temperature plastic. * **Terminals:** Through-hole (Pins) or SMD (Surface Mount Device), depending on the specific suffix. * **Weight:** Approximately 1.5g to 2.0g. --- ### 3. Functional Components Internally, the MHO+23TCD-R consists of several key electronic elements: 1. **Coil:** A wound copper wire that creates a magnetic field when current passes through it. 2. **Permanent Magnet:** Provides a static magnetic field. 3. **Vibration Diaphragm:** A metal disk that is attracted and released by the changing magnetic field, creating sound waves. 4. **Housing/Resonance Chamber:** Amplifies the sound produced by the diaphragm. --- ### 4. Circuit Implementation Because this is an **External Drive** type buzzer, it does not contain an internal oscillator. You must provide a square wave at the resonant frequency (e.g., 2300Hz) to produce sound. **Basic Driving Circuit:** ```cpp // Example: Arduino pseudocode to drive the buzzer void setup() { pinMode(BUZZER_PIN, OUTPUT); } void loop() { tone(BUZZER_PIN, 2300); // Send 2300Hz signal delay(500); noTone(BUZZER_PIN); // Silence delay(500); } ``` --- ### 5. Common Applications * **Consumer Electronics:** Microwave ovens, washing machines, and air conditioners. * **Security Systems:** Keypad entry confirmation sounds. * **Industrial:** Alarm indicators on PCBs. * **Medical:** Beeping signals for portable monitoring devices.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an active and passive buzzer in terms of circuit design?
    • ⤷ How does the resonant frequency affect the volume and tone of this part?
    • ⤷ What are the soldering temperature requirements for the MHO+ series?