전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+24FCG-R

  • AI
    The **MHO+24FCG-R** is a specific type of **Crystal Oscillator** (often referred to as a Clock Oscillator). It is commonly used in digital circuits to provide a stable frequency reference for microprocessors and other logic components. Below is a breakdown of its technical characteristics and internal parts. --- ### 1. Component Specifications The part number follows a specific nomenclature that defines its electrical behavior: | Parameter | Specification | | :--- | :--- | | **Component Type** | XO (Crystal Oscillator) | | **Frequency** | 24.000 MHz (indicated by "24") | | **Package Style** | Half-Size DIP (8-pin compatible footprint, 4 pins used) | | **Output Type** | CMOS / TTL Compatible | | **Voltage Supply** | Typically 5.0V (Standard for MHO series) | | **RoHS Status** | Compliant (indicated by "-R") | --- ### 2. Internal Electronic Construction An oscillator of this type is not just a raw crystal; it is an integrated circuit module containing several sub-parts: 1. **Quartz Crystal Blank:** A precision-cut sliver of quartz that vibrates at a specific frequency (24MHz) when an electric field is applied (the Piezoelectric effect). 2. **Oscillator IC:** An internal integrated circuit that includes: * **Inverting Amplifier:** To maintain the oscillation. * **Feedback Resistors:** To stabilize the loop. * **Load Capacitors:** To ensure the crystal resonates at the correct frequency. 3. **Buffer Stage:** A final output transistor stage that ensures the 24MHz signal is strong enough to drive multiple digital inputs (fan-out) without distorting the waveform. 4. **Hermetic Metal Can:** The "MHO" designation refers to the metal package which provides EMI (Electromagnetic Interference) shielding and protects the crystal from humidity. --- ### 3. Pinout Configuration Although it has a rectangular "Half-Size" metal casing, it typically utilizes only four pins: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | NC or Tri-State | Usually No Connect or Enable/Disable control. | | **4** | GND | Circuit Ground / Case Ground. | | **5** | Output | The 24MHz Square Wave signal. | | **8** | Vcc | Positive Power Supply (+5V). | --- ### 4. Applications The **MHO+24FCG-R** is used in hardware where a steady "heartbeat" is required for timing: * **Microcontrollers:** Providing the external clock for 8-bit or 16-bit MCUs. * **Communication Interfaces:** Setting the baud rate for UART or Ethernet controllers. * **Legacy Computing:** Frequently found on industrial motherboards and timing cards.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a crystal oscillator like this and a standalone 2-pin crystal?
    • ⤷ How does the 'Tri-state' function work on Pin 1?
    • ⤷ Can this 5V oscillator be used with a 3.3V microcontroller?