전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+24FDD-R

  • AI
    The **MHO+24FDD-R** is a specific model identifier typically associated with **MHO+ Industrial Monitors** or specialized display panels used in automation and control systems. Below is a breakdown of the electronic components and technical specifications associated with this type of hardware. --- ### 1. Core Technical Specifications The "24FDD" nomenclature generally refers to a 24-inch Full HD display designed for rugged environments. | Feature | Specification | | :--- | :--- | | **Panel Size** | 23.8" to 24" Diagonal | | **Resolution** | 1920 x 1080 (Full HD) | | **Backlight Type** | WLED (White Light Emitting Diode) | | **Aspect Ratio** | 16:9 | | **Input Voltage** | Typically 12V DC or 24V DC (Industrial standard) | | **Mounting** | VESA Mount or Panel Mount | --- ### 2. Key Electronic Components The internal architecture of the MHO+24FDD-R consists of several critical sub-systems: #### A. The AD Board (Analog-to-Digital Controller) This is the "brain" of the monitor. It converts incoming video signals (VGA, HDMI, or DVI) into a format the LCD panel can understand (LVDS or eDP). * **Scalers:** Integrated circuits that resize input resolution to fit the 1080p native display. * **Firmware Chip:** An EEPROM/Flash chip storing the OSD (On-Screen Display) settings and power-on sequences. #### B. The LED Driver (Inverter) Since the "R" often denotes a rugged or industrial version, the LED driver is high-efficiency. * **Function:** Converts the input DC voltage to the specific constant current required to light up the LED backlight strips. * **Dimming:** Supports PWM (Pulse Width Modulation) for brightness control. #### C. Power Management Circuitry Industrial monitors like the MHO+ series are designed to handle "dirty" power common in factories. * **Capacitors:** Often uses high-temp solid capacitors for longevity. * **Protection:** Includes Transient Voltage Suppressors (TVS) to protect against power surges and electromagnetic interference (EMI). #### D. The LCD Cell (Liquid Crystal Display) * **Active Matrix:** Uses Thin Film Transistors (TFT) to control individual pixels. * **Polarizers:** Specialized films that control light vibration to create the image. --- ### 3. Interface and Connectivity The "R" suffix often indicates **Ruggedized** features or **Rear-mount** configurations, affecting the physical layout of the ports: * **Video Inputs:** Usually includes 1x HDMI and 1x VGA (D-Sub). * **Power Port:** Typically a DC Jack or a Phoenix-type terminal block for secure industrial wiring. * **Touch Controller (Optional):** If the unit is a touchscreen, it will contain a USB or RS232 controller board to translate touch coordinates. --- ### 4. Environmental Ratings Because these parts are used in industrial settings, the electronics are often treated with: 1. **Conformal Coating:** A thin chemical coating to protect circuits from moisture and dust. 2. **Extended Temp Components:** Rated to operate between -10°C to +60°C. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the DC power input on this model?
    • ⤷ Does the MHO+24FDD-R support capacitive or resistive touch technology?
    • ⤷ How do I troubleshoot a 'No Signal' error on this specific industrial board?