전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+24TDD-R

  • AI
    The **MHO+24TDD-R** is a specific model within the **MHO+ Series** of high-performance Solid State Relays (SSRs) manufactured by **Carlo Gavazzi**. These components are designed for industrial applications requiring reliable switching of high-power AC loads. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the electronic capabilities of the device: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **MHO** | Series Name | High-power industrial SSR | | **+** | Generation | Improved thermal and electrical design | | **24** | Voltage Rating | 240 VAC (Nominal) | | **TD** | Switching Type | DC-controlled AC Switching | | **D** | Activation Mode | **Zero-Cross Switching** (Turns on at 0V) | | **R** | Special Feature | Built-in **VDR (Varistor)** for overvoltage protection | --- ### 2. Core Electronic Specifications These parts are designed to bridge a low-power control circuit (PLC) with a high-power industrial load. #### A. Control Input (The "Signal" side) * **Input Type:** DC Voltage. * **Control Range:** Typically 4-32 VDC. * **Response:** Includes an LED indicator to show when the control signal is active. #### B. Output Stage (The "Load" side) * **Switching Device:** Uses high-quality **Back-to-back Thyristors** (SCRs). This provides better durability against high $dV/dt$ compared to TRIACs. * **Zero-Cross Technology:** To reduce electromagnetic interference (EMI) and electrical noise, the relay only closes the circuit when the AC sine wave passes through zero volts. * **Protection:** The "R" suffix indicates an integrated Varistor (MOV) which clamps voltage spikes, protecting the internal thyristors from transients. --- ### 3. Physical & Thermal Characteristics Because SSRs generate heat during operation, the electronic design is integrated into a specific housing: * **Isolation:** High dielectric strength (usually 4000Vrms) between input and output. * **Thermal Interface:** Requires a heatsink. The baseplate is usually aluminum or copper for efficient heat dissipation. * **Terminals:** Box clamps or screw terminals designed for heavy-gauge wiring. --- ### 4. Typical Applications * **Heating Elements:** Precision temperature control in plastic extruders or ovens. * **Motor Control:** Simple ON/OFF control for pumps or fans (though Zero-Cross is best for resistive loads). * **Lighting:** Controlling large banks of incandescent or LED lighting in industrial zones. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Zero-Cross and Peak switching in SSRs?
    • ⤷ How do I calculate the required heatsink size for the MHO+24TDD-R?
    • ⤷ What are the common failure modes for Carlo Gavazzi MHO series relays?