전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+27FAAD-R

  • AI
    The **MHO+27FAAD-R** is a specific technical designation typically associated with high-precision **Crystal Oscillators (XO)**, often manufactured by companies like MtronPTI. These components are essential in electronic circuits for generating a stable clock signal. --- ### 1. Technical Specification Breakdown The alphanumeric code represents specific physical and electrical characteristics of the component: | Specification | Details | | :--- | :--- | | **Component Type** | Crystal Oscillator (XO) | | **Package Type** | 5x7mm Surface Mount Device (SMD) | | **Output Type** | HCMOS / TTL Compatible | | **Voltage Supply** | Typically 3.3V or 5.0V (Variant dependent) | | **Stability** | Usually ±20ppm to ±100ppm | | **Operating Temp** | Standard Industrial Range (-40°C to +85°C) | ### 2. Key Electronic Functions The MHO series serves three primary roles in a circuit: 1. **Frequency Reference:** It provides a steady "heartbeat" for microprocessors and digital systems to synchronize operations. 2. **Signal Conversion:** It converts mechanical vibrations from a quartz crystal into a square-wave electrical signal (HCMOS/TTL). 3. **Timing Accuracy:** Unlike simple resonators, the MHO series includes integrated circuitry to ensure the frequency remains stable despite temperature fluctuations. --- ### 3. Connection Pinout Most oscillators in this series follow a standard 4-pin configuration: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | E/D or NC | Enable/Disable (Tri-state) or No Connect | | **2** | GND | Ground / Negative Supply | | **3** | Output | The generated clock signal (Square Wave) | | **4** | Vcc | Positive Power Supply (Voltage Input) | ### 4. Common Applications * **Networking:** Used in Ethernet switches and routers for data packet timing. * **Embedded Systems:** Providing the clock for ARM or AVR microcontrollers. * **Industrial Controls:** Ensuring precision in automated manufacturing equipment. * **Telecommunications:** Frequency synthesis in RF applications. --- ### 5. Simple Implementation Example To use this part in a digital circuit, you would typically wire it as follows: ```cpp // Schematic Logic for MHO Oscillator [Vcc 3.3V] ----> Pin 4 (Vcc) [Ground] ----> Pin 2 (GND) [MCU_Clock] <--- Pin 3 (Output) // Optional: 0.1uF Decoupling Capacitor between Pin 4 and Pin 2 ```
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the MHO+27FAAD-R version?
    • ⤷ Can this oscillator be used in high-temperature automotive environments?
    • ⤷ What is the difference between an XO and a TCXO in the MHO series?