AI

The **MHO+27FCD-R** is a specific part number typically associated with **MHO+ (MtronPTI)** high-reliability crystal oscillators or clock modules. These components are critical in telecommunications, aerospace, and defense applications where frequency stability is paramount.
---
## 1. Component Overview
The MHO series generally refers to **Metal-Hybrid Oscillators**. These are high-precision timing devices that provide a stable clock signal for digital circuits.
### Key Specifications
| Feature | Typical Description |
| :--- | :--- |
| **Package Type** | 14-pin or 4-pin DIP (Dual In-line Package) |
| **Technology** | HCMOS/TTL Compatible |
| **Stability** | Generally ±25ppm to ±100ppm depending on suffix |
| **Voltage** | Usually 5.0V or 3.3V (indicated by the FCD code) |
| **Output Type** | Rectangular Square Wave |
---
## 2. Part Number Breakdown (Logic)
While specific internal coding can vary by manufacturer revisions, the string `MHO+27FCD-R` breaks down as follows:
1. **MHO+**: The series prefix, indicating a high-reliability metal package oscillator.
2. **27**: Usually represents the **Frequency**. In this case, it often denotes **27.000 MHz**.
3. **FCD**: This is a performance and package code.
* **F**: Often denotes the frequency stability or temperature range (e.g., -40°C to +85°C).
* **C**: Often indicates the supply voltage (e.g., 5.0V).
* **D**: Often refers to the "Duty Cycle" (symmetry) of the clock signal (e.g., 40/60% or 45/55%).
4. **-R**: Typically signifies **RoHS Compliance** (Lead-free).
---
## 3. Physical & Electrical Characteristics
These parts are designed to operate under rigorous conditions.
### Electrical Interface
```cpp
// Typical Pin Configuration (14-pin DIP style)
Pin 1: NC (No Connection) or Tri-state Control
Pin 7: Case Ground
Pin 8: Output Signal (27.000 MHz)
Pin 14: Vcc (+5V or +3.3V)
```
### Key Advantages
* **Hermetic Sealing**: The metal "can" is resistance-welded to protect the quartz crystal from moisture and atmospheric contaminants.
* **Low Jitter**: Provides a clean signal with minimal timing variations, essential for high-speed data transmission.
* **Robustness**: Highly resistant to mechanical shock and vibration compared to standard consumer-grade oscillators.
---
## 4. Common Applications
* **Networking**: Routers, switches, and base stations.
* **Industrial**: PLC (Programmable Logic Controllers) and automation hardware.
* **Legacy Systems**: Often found as replacement parts for older high-end computing or radio equipment.
- ⤷
What are the exact voltage requirements for the 'C' designator in this series?
- ⤷ How does the MHO+ series compare to modern surface-mount (SMD) oscillators?
- ⤷ Can you provide the pinout diagram for the 4-pin version of this oscillator?