전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+27FCG-R

  • AI
    The **MHO+27FCG-R** is a specific part number belonging to a high-performance **27-inch Curved Gaming Monitor** series (often associated with brands like MHOLOE or similar OEM manufacturers). Below is a breakdown of its core electronic components, technical specifications, and internal architecture. --- ## 1. Technical Specifications Overview The electronic performance of this unit is defined by the following key parameters: | Feature | Specification | | :--- | :--- | | **Panel Type** | VA (Vertical Alignment) LED-Backlit | | **Curvature** | 1500R | | **Resolution** | 1920 x 1080 (Full HD) | | **Refresh Rate** | 165Hz (Overclockable to 180Hz in some variants) | | **Response Time** | 1ms (MPRT) | | **Interface** | HDMI 1.4/2.0, DisplayPort 1.2, Audio Out | --- ## 2. Core Electronic Components The internal operation of the MHO+27FCG-R relies on several critical integrated circuits and modules: ### A. The AD Board (Main Logic Board) The Brain of the monitor. It processes incoming digital signals from the GPU and converts them into low-voltage differential signaling (LVDS) or eDP for the panel. * **Scalar Chip:** Typically a Realtek or MStar controller that handles OSD (On-Screen Display), color scaling, and refresh rate synchronization. * **EEPROM/Flash Memory:** Stores firmware settings, user profiles, and EDID (Extended Display Identification Data) information. ### B. The Timing Controller (T-CON) This board is often attached directly to the panel via ribbon cables. * **Function:** It translates the video signal from the AD board into the specific row/column signals required by the liquid crystal pixels. * **Electronic Part:** Manages the high-speed timing required to maintain a stable **165Hz** refresh rate without ghosting. ### C. Power Supply Unit (PSU) * **Type:** Usually an external DC Power Adapter (12V/3A or 12V/4A). * **Internal Regulation:** The monitor contains internal Buck Converters (step-down regulators) to drop the 12V input to 5V (for the logic board), 3.3V (for the MCU), and high voltage for the backlight string. --- ## 3. The Backlight System (BLU) The "FCG-R" designation typically refers to a high-contrast LED backlight configuration: 1. **LED Driver IC:** A constant-current driver that ensures flicker-free dimming (PWM or DC dimming). 2. **Edge-Lit LED Strips:** Located at the bottom or sides, using blue LEDs with a phosphor coating to produce white light. 3. **Light Guide Plate (LGP):** An optical acrylic sheet that distributes the point-source LED light evenly across the 27-inch curved surface. --- ## 4. Connectivity Electronics The I/O panel includes specific electronic protection: * **ESD Protection:** Diodes placed near the HDMI and DisplayPort inputs to prevent static electricity from frying the main scalar chip. * **Audio Amp:** A small operational amplifier (Op-Amp) to drive the 3.5mm headphone jack or internal speakers. ---
    ✨ Follow-up Questions
    • ⤷ Does this monitor support AMD FreeSync or NVIDIA G-Sync electronics?
    • ⤷What are the common failure points in the power circuit for this model?
    • ⤷How do I access the service menu to see the specific panel manufacturer?