전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+32FCD-R

  • AI
    The **MHO+32FCD-R** is a specific model of a **Crystal Oscillator** manufactured by **MtronPTI**. It belongs to the MHO series, which are typically high-reliability, through-hole components used for frequency control in various electronic circuits. --- ### 1. Technical Specifications The part number can be decoded to understand its specific electronic characteristics: | Parameter | Specification | Description | |:--- |:--- |:--- | | **Component Type** | XO (Crystal Oscillator) | Provides a steady clock signal. | | **Package Type** | 14-pin DIP (Full Size) | A rectangular metal "can" with 4 functional pins. | | **Output Type** | CMOS / TTL | Compatible with standard digital logic levels. | | **Voltage Supply** | 5.0V (Typical) | standard operating voltage for the MHO series. | | **Stability** | ±100 ppm (Standard) | Frequency variance over temperature (may vary by sub-suffix). | ### 2. Physical Layout & Pinout Although it fits in a 14-pin DIP socket, most models only use 4 physical pins located at the corners: | Pin Number | Function | Description | |:--- |:--- |:--- | | **Pin 1** | NC / Tri-state | No connection or Output Enable (depending on sub-model). | | **Pin 7** | GND | Circuit Ground / Case Ground. | | **Pin 8** | Output | The generated square wave frequency. | | **Pin 14** | Vcc | Positive Power Supply (+5V). | --- ### 3. Key Features * **Hermetically Sealed:** The metal package is vacuum-sealed to protect the quartz crystal from moisture and oxidation, ensuring long-term frequency stability. * **Through-Hole Mounting:** Designed for traditional PCB mounting or socketing, making it robust for industrial applications. * **Wide Frequency Range:** The series supports frequencies from 1.0 MHz up to 100+ MHz (the specific frequency is usually printed on the top of the "can"). ### 4. Common Applications These oscillators are used as the "heartbeat" for various digital systems: 1. **Microprocessors:** Providing the external clock for legacy 8-bit or 16-bit CPUs. 2. **Communication Gear:** Timing for modems and networking hardware. 3. **Industrial Controllers:** Used in PLCs and automation equipment due to its durable package. --- ### 5. Troubleshooting Tips If you are testing this component, keep the following in mind: * **Decoupling:** Always place a $0.01\mu F$ to $0.1\mu F$ capacitor close to Pin 14 (Vcc) to filter out power supply noise. * **Orientation:** The corner of the metal case is usually rounded or marked with a dot to indicate Pin 1. * **Oscilloscope Probe:** When measuring the output on Pin 8, use a high-impedance probe to avoid loading the circuit, which can cause frequency shifts.
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency printed on your MHO+32FCD-R unit?
    • ⤷ Do you need a modern surface-mount (SMD) equivalent for this part?
    • ⤷ How do I test if this crystal oscillator is still functioning using an oscilloscope?