전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MHO+33TAAD-R

  • AI
    The **MHO+33TAAD-R** is a specific part number for a **High-Precision Crystal Oscillator** (Clock Oscillator). These components are essential in electronics for generating a stable frequency used as a "heartbeat" for microprocessors and digital circuits. ### 1. General Specifications Based on the part numbering convention (typically associated with manufacturers like MtronPTI), here are the technical characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | XO (Crystal Oscillator) | | **Package Style** | 14-pin DIP (Full Size) / Metal Can | | **Output Type** | CMOS / TTL | | **Voltage Supply** | 3.3V (Typical for the '33' series) | | **Frequency Stability** | Usually ±50ppm or ±100ppm (depending on suffix) | | **Operating Temp** | Standard Industrial or Commercial range | | **RoHS Status** | Compliant (indicated by the **-R** suffix) | --- ### 2. Breakdown of the Part Number The alphanumeric string provides specific details about the component's construction: * **MHO:** This prefix usually denotes the product series (Metal Half-size or Full-size Oscillators). * **33:** Refers to the operating voltage, which is **3.3 Volts DC**. * **T:** Generally indicates the output type, in this case, **TTL/CMOS** compatibility. * **AA:** Internal codes for frequency stability and operating temperature range. * **D:** Often indicates a specific pin configuration (e.g., Pin 1 Tri-state/Enable function). * **-R:** Stands for **RoHS Compliant** (Lead-free). --- ### 3. Key Electronic Functions The MHO+33TAAD-R serves three primary roles in a circuit: 1. **Frequency Generation:** It converts DC electrical energy from the power supply into a stable AC square wave signal. 2. **Clocking:** It provides the timing reference for synchronous digital systems (CPUs, FPGAs, or Communication ICs). 3. **Signal Conditioning:** Unlike a simple 2-pin crystal, this is an **active** component. It includes the quartz crystal AND the oscillation circuitry (capacitors/transistors) inside the metal can, ensuring a clean output without needing external load capacitors. --- ### 4. Common Applications * **Legacy Computing:** Industrial motherboards using through-hole components. * **Communication Equipment:** Modems and routers requiring stable timing. * **Test & Measurement:** Oscilloscopes or signal generators. * **Industrial Control:** PLCs (Programmable Logic Controllers).
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of your specific MHO+33TAAD-R unit?
    • ⤷ How does an active crystal oscillator differ from a passive quartz crystal?
    • ⤷ What are the pinout connections for a standard 14-pin DIP oscillator?