MHO+34TAG-R
AI

The **MHO+34TAG-R** is a specific part number typically associated with **Crystal Oscillators**, specifically those manufactured by companies like **MtronPTI**. These components are critical for providing precise timing signals in electronic circuits.
---
### 1. Technical Specifications
Below is a breakdown of the typical technical characteristics for this series of electronic parts:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Package Type** | 14-pin DIP (Dual In-line Package) or Half-Size DIP |
| **Output Type** | HCMOS / TTL Compatible |
| **Voltage Supply** | Usually 5.0V or 3.3V (Specific to the "3" or "4" suffix) |
| **Frequency Range** | Typically 1.0 MHz to 100.0 MHz (Defined by full part string) |
| **Operating Temp** | Standard (-10°C to +70°C) or Industrial (-40°C to +85°C) |
| **RoHS Status** | The "R" suffix indicates **RoHS Compliant** (Lead-free) |
---
### 2. Breakdown of the Part Number
While naming conventions can vary slightly by manufacturer, the MHO series generally follows this logic:
* **MHO:** Series designation (Metal Half-size Oscillator or similar high-reliability series).
* **+:** Often indicates a specific revision or lead-free manufacturing process.
* **34:** Represents the voltage and stability code (e.g., 3.3V or 5V operation with ±50ppm or ±100ppm stability).
* **TAG:** Package and Output configuration (Triton/Mtron specific coding for CMOS/TTL output).
* **R:** **RoHS Compliant**. This ensures the part meets environmental regulations regarding hazardous substances.
---
### 3. Common Applications
These oscillators are "clock" generators used in systems that require a steady heartbeat to synchronize data:
1. **Microprocessors:** Providing the base clock frequency for CPUs.
2. **Networking:** Used in switches, routers, and modems for data packet timing.
3. **Industrial Controllers:** Ensuring precise execution of logic in PLC (Programmable Logic Controllers).
4. **Legacy Systems:** Often used as drop-in replacements for older 14-pin DIP clock oscillators in telecommunications equipment.
---
### 4. Physical Characteristics
* **Housing:** Usually a hermetically sealed metal can to protect the quartz crystal from environmental moisture and EMI (Electromagnetic Interference).
* **Mounting:** Through-hole mounting (THT), making it ideal for robust industrial environments where surface mount (SMD) might be prone to mechanical stress.
- ⤷
What is the specific frequency of your MHO+34TAG-R unit?
- ⤷ How do I test if this crystal oscillator is functioning correctly with an oscilloscope?
- ⤷ Are there surface-mount (SMD) equivalents for the MHO series?